Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISF82 Datasheet(PDF) 1 Page - Rectron Semiconductor

No. de pieza ISF82
Descripción Electrónicos  GLASS PASSIVATED SUPER FAST RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RECTRON [Rectron Semiconductor]
Página de inicio  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

ISF82 Datasheet(HTML) 1 Page - Rectron Semiconductor

  ISF82 Datasheet HTML 1Page - Rectron Semiconductor ISF82 Datasheet HTML 2Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GLASS PASSIVATED SUPER FAST RECTIFIER
VOLTAGE RANGE 50 to 600 Volts CURRENT 8.0 Amperes
RECTRON
SEMICONDUCTOR
TECHNICAL SPECIFICATION
FEATURES
* Low switching noise
* Low forward voltage drop
* Low thermal resistance
* High current capability
* Super fast switching speed
* High reliability
* Good for switching mode circuit
MECHANICAL DATA
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
* Case: ITO-220 molded plastic
* Epoxy: Device has UL flammability classification 94V-O
* Lead: MIL-STD-202E method 208C guaranteed
* Mounting position: Any
* Weight: 2.24 grams
ISF81
THRU
ISF87
ITO-220A
MAXIMUM RATINGS (At TA = 25
oC unless otherwise noted)
ELECTRICAL CHARACTERISTICS (At TA = 25
oC unless otherwise noted)
NOTES : 1. Test Conditions: IF = 0.5A, IR = -1.0A, IRR = -0.25A
2. Measured at 1 MHz and applied reverse voltage of 4.0 volts.
3. Suffix “R” for Reverse Polarity.
Dimensions in inches and (millimeters)
2002-12
RATINGS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
at TC = 100
oC
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Typical Thermal Resistance
Typical Junction Capacitance (Note 2)
SYMBOL
VRRM
VDC
IFSM
CJ
TJ, TSTG
VRMS
UNITS
Volts
Volts
Amps
8.0
125
3
50
Amps
0C/ W
0 C
Operating and Storage Temperature Range
R
θJC
IO
-55 to + 150
pF
Volts
30
CHARACTERISTICS
at Rated DC Blocking Voltage
Maximum Reverse Recovery Time (Note 1)
VF
SYMBOL
IR
nSec
uAmps
Maximum DC Reverse Current
Maximum Instantaneous Forward Voltage at 8.0A DC
Volts
10
35
@TC = 100
oC
@TC = 25
oC
trr
1.0
1.35
500
50
UNITS
100
300
150
ISF81
ISF83
ISF85
ISF82
ISF84
200
400
ISF86
50
100
300
150
200
400
50
70
210
105
140
280
35
600
ISF87
600
420
ISF81
ISF83
ISF85
ISF82
ISF84
ISF86
ISF87
1.70
.138(3.5)
.406(10.3)
.114(2.9)
.055(1.4)
.382(9.7)
.098(2.5)
.039(1.0)
.169(4.3)
.110(2.8)
.602(15.3)
.035(0.9)
.108(2.75)
.091(2.30)
.020(0.5)
.579(14.7)
.031(0.8)
.016 (0.4)
.185(4.7)
.122(3.1)
.154 (3.9)
.138 (3.5)
.071(1.8)
.055(1.4)
.531(13.5)
.492(12.5)
.114(2.9)
.098(2.5)
.134(3.4)
.04MAX.
(1.0)


Número de pieza similar - ISF82

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
XP Power Limited
ISF XPPOWER-ISF Datasheet
524Kb / 4P
DC-DC Converter
logo
TALEMA Group. LLC
ISF-100B1 TALEMA-ISF-100B1 Datasheet
44Kb / 1P
ISDN SO DIL Style Through Hole Interface Transformers
ISF-120A1 TALEMA-ISF-120A1 Datasheet
44Kb / 1P
ISDN SO DIL Style Through Hole Interface Transformers
ISF-130B1 TALEMA-ISF-130B1 Datasheet
44Kb / 1P
ISDN SO DIL Style Through Hole Interface Transformers
ISF-140B1 TALEMA-ISF-140B1 Datasheet
44Kb / 1P
ISDN SO DIL Style Through Hole Interface Transformers
More results

Descripción similar - ISF82

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
GOOD-ARK Electronics
SF51 GOOD-ARK-SF51 Datasheet
231Kb / 2P
GLASS PASSIVATED SUPER FAST RECTIFIER
logo
Nanjing International G...
MUR1620CT.JF DGNJDZ-MUR1620CT.JF Datasheet
85Kb / 2P
GLASS PASSIVATED SUPER FAST RECTIFIER
logo
Jinan Jing Heng Electro...
MUR520 JINGHENG-MUR520 Datasheet
60Kb / 2P
GLASS PASSIVATED SUPER FAST RECTIFIER
MUR520M2 JINGHENG-MUR520M2 Datasheet
51Kb / 2P
GLASS PASSIVATED SUPER FAST RECTIFIER
MUR1680CT JINGHENG-MUR1680CT Datasheet
57Kb / 2P
GLASS PASSIVATED SUPER FAST RECTIFIER
logo
Nantong Hornby Electron...
SF16X HORNBY-SF16X Datasheet
298Kb / 3P
GLASS PASSIVATED SUPER FAST RECTIFIER
SF30XPT HORNBY-SF30XPT Datasheet
275Kb / 3P
GLASS PASSIVATED SUPER FAST RECTIFIER
logo
Jinan Jingheng (Group) ...
MUR4060CT JINANJINGHENG-MUR4060CT Datasheet
164Kb / 3P
GLASS PASSIVATED SUPER FAST RECTIFIER
logo
Microdiode Semiconducto...
SF51G CHENDA-SF51G_V01 Datasheet
571Kb / 2P
SUPER FAST GLASS PASSIVATED RECTIFIER
logo
Rectron Semiconductor
MUR2020R RECTRON-MUR2020R Datasheet
575Kb / 5P
SUPER FAST GLASS PASSIVATED RECTIFIER
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com