Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISF87 Datasheet(PDF) 2 Page - Rectron Semiconductor

No. de pieza ISF87
Descripción Electrónicos  GLASS PASSIVATED SUPER FAST RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RECTRON [Rectron Semiconductor]
Página de inicio  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

ISF87 Datasheet(HTML) 2 Page - Rectron Semiconductor

  ISF87 Datasheet HTML 1Page - Rectron Semiconductor ISF87 Datasheet HTML 2Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RECTRON
RATING AND CHARACTERISTIC CURVES ( ISF81 THRU ISF87 )
FIG. 1 - TYPICAL FORWARD CURRENT DERATING CURVE
CASE TEMPERATURE, ( )
0
50
100
150
10
8
6
4
2
0
Single Phase Half Wave
60Hz Inductive or
Resistive Load
FIG. 3 - MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT
NUMBER OF CYCLES AT 60Hz
150
125
100
75
50
25
0
1
2
5
10
20
50
100
8.3ms Single Half Sine-Wave
(JEDEC Method)
FIG. 2 - TYPICAL REVERSE CHARACTERISTICS
PERCENT OF RATED PEAK
REVERSE VOLTAGE, (%)
1000
100
10
1.0
0.1
20
0
40
60
80
100
120
140
TC = 100
TC = 25
FIG. 4 - TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE, (V)
40
20
10
4
2
1.0
.4
.2
.1
.6
.8
1.0
1.2
1.4
1.6
1.8
2.0
TJ=25
Pulse Width = 300uS
1% Duty Cycle
FIG. 5 - TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE, ( V )
200
100
60
40
20
10
6
4
2
1
.1
.2
.4
1.0
2
4
10
20 40
100
ISF81~ISF84
ISF85~ISF87
TJ = 25
ISF87



Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com