| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SCSI Datasheet(PDF) 1 Page - Amphenol Communications Solutions |
|
|
|||||||||||||||||||||||||||||
SCSI Datasheet(HTML) 1 Page - Amphenol Communications Solutions |
|
1 / 3 page ![]() Amphenol Information Communications and Commercial Products Storage & Server IO HIGH SPEED DESIGN WITH FLEXIBILITIES SAS/PCIe 3.0 connectors for next-generation servers with 12Gb/s speeds. The 68-position, SAS/PCIe receptacle and header enables implementation of high speed Serial Attached SCSI (SAS) hard disk drive (HDD) interface as well as Peripheral Component Express (PCIe)-based devices. TARGET MARKETS Serial-Attached SCSI/Peripheral Component Interconnect Express (SAS/PCIe) 3.0 § Compatible with SFF8639 specification § Capable of meeting 12Gb/s SSDs and HDDs or PCle based devices at 8Gb/s § Molded guide post allows device plug and receptacle to self-align during mating process § Footprint backward compatible to 6G and 3G SAS connectors § Compatible with SFF8639 specification § Capable of meeting 12Gb/s SSDs and HDDs or PCle based devices at 8Gb/s § Molded guide post allows device plug and receptacle to self-align during mating process § Footprint backward compatible to 6G and 3G SAS connectors FEATURES BENEFITS § Receptacles are intermateable with unshielded dual port SFF8680 (SAS 3.0) connectors § Offers flexibility in component selection § SAS/PCIe connectors enable SFF8630, SFF8680 and SFF8432 interface § Implementation of high speed SSDs (Solid State Drives) and HDDs (Hard Disk Drives) § Allows compatibility between unshielded dual and multiport § Backward compatible with 6Gb/s SAS, SATA and 3Gb/s SFF8482 connectors § Same interface can be used for cost-effective storage HDDs as well as higher performance server SSDs § Supports up to 4 ports PCIe based devices § Improves performance and faster file transfers § Supports both SAS and SATA drives § Addresses the needs of both mission critical and bulk storage applications § Staggered contact lengths § Provides sequential contact mating for hot plugging § Stamped clips act as connector retainers for robust PCB attachment § Provide additional mechanical strength after soldering § Molded guideposts help mating halves to self-align by providing angled lead-ins § Compensates for connector misalignment |
Número de pieza similar - SCSI |
|
Descripción similar - SCSI |