| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
EMC2106 Datasheet(PDF) 21 Page - SMSC Corporation |
|
|
|||||||||||||||||||||||||||||
EMC2106 Datasheet(HTML) 21 Page - SMSC Corporation |
|
21 / 106 page ![]() Dual RPM-Based Linear Fan Controller with Hardware Thermal Shutdown Datasheet SMSC EMC2106 21 Revision 1.72 (11-01-07) DATASHEET 4.3 Read Byte The Read Byte protocol is used to read one byte of data from the registers as shown in Table 4.3. 4.4 Send Byte The Send Byte protocol is used to set the internal address register pointer to the correct address location. No data is transferred during the Send Byte protocol as shown in Table 4.4. 4.5 Receive Byte The Receive Byte protocol is used to read data from a register when the internal register address pointer is known to be at the right location (e.g. set via Send Byte). This is used for consecutive reads of the same register as shown in Table 4.5. 4.6 Alert Response Address The ALERT# output can be used as a processor interrupt or as an SMBus Alert when configured to operate as an interrupt. When it detects that the ALERT# pin is asserted, the host will send the Alert Response Address (ARA) to the general address of 0001_100xb. All devices with active interrupts will respond with their client address as shown in Table 4.6. Table 4.3 Read Byte Protocol START SLAVE ADDRESS WR ACK Register Address ACK START Slave Address RD ACK Register Data NACK STOP 0 -> 1 0101_111 0 0 XXh 0 0 -> 1 0101_111 1 0 XXh 1 1 -> 0 Table 4.4 Send Byte Protocol START SLAVE ADDRESS WR ACK REGISTER ADDRESS ACK STOP 0 -> 1 0101_111 0 0 XXh 0 1 -> 0 Table 4.5 Receive Byte Protocol START SLAVE ADDRESS RD ACK REGISTER DATA NACK STOP 0 -> 1 0101_111 1 0 XXh 1 1 -> 0 Table 4.6 Alert Response Address Protocol START ALERT RESPONSE ADDRESS RD ACK DEVICE ADDRESS NACK STOP 0 -> 1 0001_100 1 0 0101_111 1 1 -> 0 |