| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STX724 Datasheet(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STX724 Datasheet(HTML) 1 Page - STMicroelectronics |
|
1 / 9 page ![]() Rev 1 October 2005 1/9 9 STX724 NPN MEDIUM POWER TRANSISTORS Features ■ TO-92 PACKAGE SUITABLE FOR THROUGH-HOLE PCB ASSEMBLY ■ IN COMPLIANCE WITH THE 2002/93/EC EUROPEAN DIRECTIVE Applications ■ VOLTAGE REGULATION ■ RELAY DRIVER ■ GENERIC SWITCH Description The STX724 is a NPN transistor manufactured using planar Technology resulting in rugged high performance devices. Order codes Internal Schematic Diagram TO-92 Part Number Marking Package Packing STX724 X724 TO-92 BULK www.st.com |
Número de pieza similar - STX724 |
|
Descripción similar - STX724 |