| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
LF155 Datasheet(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LF155 Datasheet(HTML) 2 Page - STMicroelectronics |
|
2 / 14 page ![]() ABSOLUTE MAXIMUM RATINGS Symbol Parameter Value Unit VCC Supply Voltage ±22 V Vi Input Voltage - (note 1) ±20 V Vid Differential Input Voltage ±40 V Ptot Power Dissipation 570 mW Output Short-circuit Duration Infinite Toper Operating Free Air Temperature Range LF155-LF156-LF157 LF255-LF256-LF257 LF355-LF356-LF357 -55 to +125 –40 to +105 0to 70 oC Tstg Storage Temperature Range –65 to 150 oC SCHEMATIC DIAGRAM Vio ADJUSTMENT LF155 - LF156 - LF157 2/14 |