Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

VL6624 Datasheet(PDF) 52 Page - STMicroelectronics

No. de pieza VL6624
Descripción Electrónicos  1.3 Megapixel single-chip camera module
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL6624 Datasheet(HTML) 52 Page - STMicroelectronics

Back Button VL6624 Datasheet HTML 48Page - STMicroelectronics VL6624 Datasheet HTML 49Page - STMicroelectronics VL6624 Datasheet HTML 50Page - STMicroelectronics VL6624 Datasheet HTML 51Page - STMicroelectronics VL6624 Datasheet HTML 52Page - STMicroelectronics VL6624 Datasheet HTML 53Page - STMicroelectronics VL6624 Datasheet HTML 54Page - STMicroelectronics VL6624 Datasheet HTML 55Page - STMicroelectronics VL6624 Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 106 page
background image
Register map
VL6624/VS6624
52/106
0x039c
bPanControl0
Default value
<0> Pan_Disable
Purpose
control pandisable, pan right, pan left, pan up, pan down
Type
C
Possible values
<0> Pan_Disable
<1> Pan_Right
<2> Pan_Left
<3> Pan_Down
<4> Pan_Up
0x039e
bCropControl0
Default value
<1> Crop_auto
Purpose
Select cropping manual or auto
Type
C
Possible values
<0> Crop_manual
<1> Crop_auto
0x03a1(MSB)
0x03a2(LSB)
uwManualCropHorizontalStart0
Default value
0x00
Purpose
Set the cropping H start address
Type
UINT16
0x03a5(MSB)
0x03a6(LSB)
uwManualCropHorizontalSize0
Default value
0x00
Purpose
Set the cropping H size
Type
UINT16
0x03a9(MSB)
0x03aa(LSB)
uwManualCropVerticalStart0
Default value
0x00
Purpose
Set the cropping Vstart address
Type
UINT16
0x03ad(MSB)
0x03ae(LSB)
uwManualCropVerticalSize0
Default value
0x00
Purpose
Set the cropping Vsize
Type
UINT16
Table 13.
Pipe setup bank0
Index
PipeSetupBank0(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More