Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

7812CV Datasheet(PDF) 23 Page - STMicroelectronics

No. de pieza 7812CV
Descripción Electrónicos  POSITIVE VOLTAGE REGULATORS
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

7812CV Datasheet(HTML) 23 Page - STMicroelectronics

Back Button 7812CV Datasheet HTML 19Page - STMicroelectronics 7812CV Datasheet HTML 20Page - STMicroelectronics 7812CV Datasheet HTML 21Page - STMicroelectronics 7812CV Datasheet HTML 22Page - STMicroelectronics 7812CV Datasheet HTML 23Page - STMicroelectronics 7812CV Datasheet HTML 24Page - STMicroelectronics 7812CV Datasheet HTML 25Page - STMicroelectronics 7812CV Datasheet HTML 26Page - STMicroelectronics 7812CV Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 34 page
background image
L7800 SERIES
23/34
Figure 35: Adjustable Output Voltage with Temperature Compensation
NOTE: Q2 is connected as a diode in order to compensate the variation of the Q1 VBE with the temperature. C allows a slow rise time of the VO.
Figure 36: Light Controllers (VOmin = VXX + VBE)
Figure 37: Protection against Input Short-Circuit with High Capacitance Loads
Application with high capacitance loads and an output voltage greater than 6 volts need an external diode (see fig. 33) to protect the device
against input short circuit. In this case the input voltage falls rapidly while the output voltage decrease slowly. The capacitance discharges by
means of the Base-Emitter junction of the series pass transistor in the regulator. If the energy is sufficiently high, the transistor may be de-
stroyed. The external diode by-passes the current from the IC to ground.
R2
VO = VXX (1+ ) + VBE
R1
VO rises when the light goes up
VO falls when the light goes up



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34