Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DB156 Datasheet(PDF) 2 Page - Shanghai Shunye Electronics Co.,Ltd.

No. de pieza DB156
Descripción Electrónicos  BRIDGE RECTIFIERBRIDGE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SHUNYE [Shanghai Shunye Electronics Co.,Ltd.]
Página de inicio  http://www.shunyegroup.com.cn/
Logo SHUNYE - Shanghai Shunye Electronics Co.,Ltd.

DB156 Datasheet(HTML) 2 Page - Shanghai Shunye Electronics Co.,Ltd.

  DB156 Datasheet HTML 1Page - Shanghai Shunye Electronics Co.,Ltd. DB156 Datasheet HTML 2Page - Shanghai Shunye Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FIG.2-MAXIMUM NON-REPETITIVE SUNRGE CURRENT
NUMBER OF CYCLES AT 60Hz
FIG.4-TYPICAL FORWARD CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
Rating and Characteristic Curves(TA=25℃ Uniless otherwise noted)
FIG.1-DERATING CURVE
FOR
AMBIENT
0
1.5
50
100
150
SINGLE PHASE HALF WAVE
60Hz
PULSE WIDTH 8.3ms
SINGLE HALF-SINE-
WAVE
FIG.3-TYPICAL JUNCTION
REVERSE
10.0
100
0.1
1.0
4.0
1.0
10
100
TJ=25℃,f=1MHZ
0.1
0.01
1.0
0
0.2
0.8
0.4
1.0
1.6
0.6
1.2
1.4
10
1.8
TJ = 25°C
PULSE WIDTH
FIG.5-TYPICAL REVERSE
PERCENT OF RATED PEAK REVERSE
100
0.0
0
20
40
60
80
100 120
140
10
1.0
0.1
100
TJ=125°C
TJ=25°
50
60
10
20
30
40
0
10
100
0
2
50
20
5
www.shunyegroup.com.cn
V2.22
DB151 THRU DB157



Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com