Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CY7C09279V-9AI Datasheet(PDF) 17 Page - Cypress Semiconductor

No. de pieza CY7C09279V-9AI
Descripción Electrónicos  3.3V 16K/32K/64K x 16/18 Synchronous Dual-Port Static RAM
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CYPRESS [Cypress Semiconductor]
Página de inicio  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C09279V-9AI Datasheet(HTML) 17 Page - Cypress Semiconductor

Back Button CY7C09279V-9AI Datasheet HTML 11Page - Cypress Semiconductor CY7C09279V-9AI Datasheet HTML 12Page - Cypress Semiconductor CY7C09279V-9AI Datasheet HTML 13Page - Cypress Semiconductor CY7C09279V-9AI Datasheet HTML 14Page - Cypress Semiconductor CY7C09279V-9AI Datasheet HTML 15Page - Cypress Semiconductor CY7C09279V-9AI Datasheet HTML 16Page - Cypress Semiconductor CY7C09279V-9AI Datasheet HTML 17Page - Cypress Semiconductor CY7C09279V-9AI Datasheet HTML 18Page - Cypress Semiconductor CY7C09279V-9AI Datasheet HTML 19Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
CY7C09269V/79V/89V
CY7C09369V/79V/89V
Document #: 38-06056 Rev. *B
Page 17 of 19
16K x18 3.3V Synchronous Dual-Port SRAM
Speed (ns)
Ordering Code
Package Name
Package Type
Operating Range
6.5[1, 2]
CY7C09369V-6AC
A100
100-Pin Thin Quad Flat Pack
Commercial
CY7C09369V-6AXC
A100
100-Pin Pb-Free Thin Quad Flat Pack
Commercial
7.5[2]
CY7C09369V-7AC
A100
100-Pin Thin Quad Flat Pack
Commercial
CY7C09269V-7AXC
A100
100-Pin Pb-Free Thin Quad Flat Pack
Commercial
CY7C09369V-7AI
A100
100-Pin Thin Quad Flat Pack
Industrial
9
CY7C09369V-9AC
A100
100-Pin Thin Quad Flat Pack
Commercial
CY7C09369V-9AXC
A100
100-Pin Pb-Free Thin Quad Flat Pack
Commercial
CY7C09369V-9AI
A100
100-Pin Thin Quad Flat Pack
Industrial
12
CY7C09369V-12AC
A100
100-Pin Thin Quad Flat Pack
Commercial
CY7C09369V-12AXC
A100
100-Pin Pb-Free Thin Quad Flat Pack
Commercial
32K x18 3.3V Synchronous Dual-Port SRAM
Speed (ns)
Ordering Code
Package Name
Package Type
Operating Range
6.5[1, 2]
CY7C09379V-6AC
A100
100-Pin Thin Quad Flat Pack
Commercial
CY7C09379V-6AXC
A100
100-Pin Pb-Free Thin Quad Flat Pack
Commercial
7.5[2]
CY7C09379V-7AC
A100
100-Pin Thin Quad Flat Pack
Commercial
9
CY7C09379V-9AC
A100
100-Pin Thin Quad Flat Pack
Commercial
CY7C09379V-9AI
A100
100-Pin Thin Quad Flat Pack
Industrial
12
CY7C09379V-12AC
A100
100-Pin Thin Quad Flat Pack
Commercial
CY7C09379V-12AXC
A100
100-Pin Pb-Free Thin Quad Flat Pack
Commercial
64K x18 3.3V Synchronous Dual-Port SRAM
Speed (ns)
Ordering Code
Package Name
Package Type
Operating Range
6.5[1, 2]
CY7C09389V-6AC
A100
100-Pin Thin Quad Flat Pack
Commercial
CY7C09389V-6AXC
A100
100-Pin Pb-Free Thin Quad Flat Pack
Commercial
7.5[2]
CY7C09389V-7AC
A100
100-Pin Thin Quad Flat Pack
Commercial
CY7C09389v-7AXC
A100
100-Pin Pb-Free Thin Quad Flat Pack
Commercial
9
CY7C09389V-9AC
A100
100-Pin Thin Quad Flat Pack
Commercial
CY7C09389V-9AXC
A100
100-Pin Pb-Free Thin Quad Flat Pack
Commercial
CY7C09389V-9AI
A100
100-Pin Thin Quad Flat Pack
Industrial
CY7C09389V-9AXI
A100
100-Pin Pb-Free Thin Quad Flat Pack
Industrial
12
CY7C09389V-12AC
A100
100-Pin Thin Quad Flat Pack
Commercial
CY7C09389V-12AXC
A100
100-Pin Pb-Free Thin Quad Flat Pack
Commercial



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com