Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADC0809 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No. de pieza ADC0809
Descripción Electrónicos  8-Bit uP Compatible A/D Converters with 8-Channel Multiplexer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NSC [National Semiconductor (TI)]
Página de inicio  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC0809 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  ADC0809 Datasheet HTML 1Page - National Semiconductor (TI) ADC0809 Datasheet HTML 2Page - National Semiconductor (TI) ADC0809 Datasheet HTML 3Page - National Semiconductor (TI) ADC0809 Datasheet HTML 4Page - National Semiconductor (TI) ADC0809 Datasheet HTML 5Page - National Semiconductor (TI) ADC0809 Datasheet HTML 6Page - National Semiconductor (TI) ADC0809 Datasheet HTML 7Page - National Semiconductor (TI) ADC0809 Datasheet HTML 8Page - National Semiconductor (TI) ADC0809 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Absolute Maximum Ratings (Notes 1,
2)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage (V
CC) (Note 3)
6.5V
Voltage at Any Pin
−0.3V to (V
CC+0.3V)
Except Control Inputs
Voltage at Control Inputs
−0.3V to +15V
(START, OE, CLOCK, ALE, ADD A, ADD B, ADD C)
Storage Temperature Range
−65˚C to +150˚C
Package Dissipation at T
A=25˚C
875 mW
Lead Temp. (Soldering, 10 seconds)
Dual-In-Line Package (plastic)
260˚C
Dual-In-Line Package (ceramic)
300˚C
Molded Chip Carrier Package
Vapor Phase (60 seconds)
215˚C
Infrared (15 seconds)
220˚C
ESD Susceptibility (Note 8)
400V
Operating Conditions (Notes 1, 2)
Temperature Range (Note 1)
T
MIN≤TA≤TMAX
ADC0808CJ
−55˚C
≤T
A≤+125˚C
ADC0808CCJ, ADC0808CCN,
ADC0809CCN
−40˚C
≤T
A≤+85˚C
ADC0808CCV, ADC0809CCV
−40˚C
≤ T
A ≤ +85˚C
Range of V
CC (Note 1)
4.5 V
DC to 6.0 VDC
Electrical Characteristics
Converter Specifications: V
CC=5VDC=VREF+,VREF(−)=GND, TMIN≤TA≤TMAX and fCLK=640 kHz unless otherwise stated.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
ADC0808
Total Unadjusted Error
25˚C
±1⁄2
LSB
(Note 5)
T
MIN to TMAX
±3⁄4
LSB
ADC0809
Total Unadjusted Error
0˚C to 70˚C
±1
LSB
(Note 5)
T
MIN to TMAX
±11⁄4
LSB
Input Resistance
From Ref(+) to Ref(−)
1.0
2.5
k
Ω
Analog Input Voltage Range
(Note 4) V(+) or V(−)
GND−0.10
V
CC+0.10
V
DC
V
REF(+)
Voltage, Top of Ladder
Measured at Ref(+)
V
CC
V
CC+0.1
V
Voltage, Center of Ladder
V
CC/2-0.1
V
CC/2
V
CC/2+0.1
V
V
REF(−)
Voltage, Bottom of Ladder
Measured at Ref(−)
−0.1
0
V
I
IN
Comparator Input Current
f
c=640 kHz, (Note 6)
−2
±0.5
2
µA
Electrical Characteristics
Digital Levels and DC Specifications: ADC0808CJ 4.5V
≤V
CC≤5.5V, −55˚C≤TA≤+125˚C unless otherwise noted
ADC0808CCJ, ADC0808CCN, ADC0808CCV, ADC0809CCN and ADC0809CCV, 4.75
≤V
CC≤5.25V, −40˚C≤TA≤+85˚C unless
otherwise noted
Symbol
Parameter
Conditions
Min
Typ
Max
Units
ANALOG MULTIPLEXER
I
OFF(+)
OFF Channel Leakage Current
V
CC=5V, VIN=5V,
T
A=25˚C
10
200
nA
T
MIN to TMAX
1.0
µA
I
OFF(−)
OFF Channel Leakage Current
V
CC=5V, VIN=0,
T
A=25˚C
−200
−10
nA
T
MIN to TMAX
−1.0
µA
CONTROL INPUTS
V
IN(1)
Logical “1” Input Voltage
V
CC−1.5
V
V
IN(0)
Logical “0” Input Voltage
1.5
V
I
IN(1)
Logical “1” Input Current
V
IN=15V
1.0
µA
(The Control Inputs)
I
IN(0)
Logical “0” Input Current
V
IN=0
−1.0
µA
(The Control Inputs)
I
CC
Supply Current
f
CLK=640 kHz
0.3
3.0
mA
3
www.national.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com