Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STM32L4P5CEU3P Datasheet(PDF) 254 Page - STMicroelectronics

No. de pieza STM32L4P5CEU3P
Descripción Electrónicos  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 150 DMIPS, up to 1-MB Flash memory, 320-KB SRAM, LCD-TFT, ext. SMPS
PDF  311 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L4P5CEU3P Datasheet(HTML) 254 Page - STMicroelectronics

Back Button STM32L4P5CEU3P Datasheet HTML 250Page - STMicroelectronics STM32L4P5CEU3P Datasheet HTML 251Page - STMicroelectronics STM32L4P5CEU3P Datasheet HTML 252Page - STMicroelectronics STM32L4P5CEU3P Datasheet HTML 253Page - STMicroelectronics STM32L4P5CEU3P Datasheet HTML 254Page - STMicroelectronics STM32L4P5CEU3P Datasheet HTML 255Page - STMicroelectronics STM32L4P5CEU3P Datasheet HTML 256Page - STMicroelectronics STM32L4P5CEU3P Datasheet HTML 257Page - STMicroelectronics STM32L4P5CEU3P Datasheet HTML 258Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 254 / 311 page
background image
Electrical characteristics
STM32L4P5xx
254/311
DS12903 Rev 2
Synchronous waveforms and timings
Figure 52 through Figure 55 represent synchronous waveforms and Table 109
through Table 112 provide the corresponding timings. The results shown in these
tables are obtained with the following FMC configuration:
•
BurstAccessMode = FMC_BurstAccessMode_Enable
•
MemoryType = FMC_MemoryType_CRAM
•
WriteBurst = FMC_WriteBurst_Enable
•
CLKDivision = 1
•
DataLatency = 1 for NOR Flash; DataLatency = 0 for PSRAM
Table 107. Asynchronous multiplexed PSRAM/NOR write timings(1)
1. Guaranteed by characterization results.
Symbol
Parameter
Min
Max
Unit
tw(NE)
FMC_NE low time
5THCLK-0.5
5THCLK+1
ns
tv(NWE_NE) FMC_NEx low to FMC_NWE low
THCLK-0.5
THCLK+1
tw(NWE)
FMC_NWE low time
2THCLK-0.5
2THCLK+0.5
th(NE_NWE) FMC_NWE high to FMC_NE high hold time
2THCLK-0.5
-
tv(A_NE)
FMC_NEx low to FMC_A valid
-
3
tv(NADV_NE) FMC_NEx low to FMC_NADV low
0
1
tw(NADV)
FMC_NADV low time
THCLK+0.5
THCLK+1.5
th(AD_NADV)
FMC_AD(adress) valid hold time after
FMC_NADV high
THCLK-3
-
th(A_NWE)
Address hold time after FMC_NWE high
Address
holded until
next write
operation
-
th(BL_NWE) FMC_BL hold time after FMC_NWE high
2THCLK-0.5
-
tv(BL_NE)
FMC_NEx low to FMC_BL valid
-
THCLK
tv(Data_NADV) FMC_NADV high to Data valid
-
THCLK+2
th(Data_NWE) Data hold time after FMC_NWE high
2THCLK+0.5
-
Table 108. Asynchronous multiplexed PSRAM/NOR write-NWAIT timings(1)
1. Guaranteed by characterization results.
Symbol
Parameter
Min
Max
Unit
tw(NE)
FMC_NE low time
10THCLK-0.5
10THCLK+1
ns
tw(NWE)
FMC_NWE low time
7THCLK-0.5
7THCLK+0.5
tsu(NWAIT_NE) FMC_NWAIT valid before FMC_NEx high
7THCLK+12.5
-
th(NE_NWAIT) FMC_NEx hold time after FMC_NWAIT invalid
5THCLK+13
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com