Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STM32L4P5CEU3P Datasheet(PDF) 183 Page - STMicroelectronics

No. de pieza STM32L4P5CEU3P
Descripción Electrónicos  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 150 DMIPS, up to 1-MB Flash memory, 320-KB SRAM, LCD-TFT, ext. SMPS
PDF  311 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L4P5CEU3P Datasheet(HTML) 183 Page - STMicroelectronics

Back Button STM32L4P5CEU3P Datasheet HTML 179Page - STMicroelectronics STM32L4P5CEU3P Datasheet HTML 180Page - STMicroelectronics STM32L4P5CEU3P Datasheet HTML 181Page - STMicroelectronics STM32L4P5CEU3P Datasheet HTML 182Page - STMicroelectronics STM32L4P5CEU3P Datasheet HTML 183Page - STMicroelectronics STM32L4P5CEU3P Datasheet HTML 184Page - STMicroelectronics STM32L4P5CEU3P Datasheet HTML 185Page - STMicroelectronics STM32L4P5CEU3P Datasheet HTML 186Page - STMicroelectronics STM32L4P5CEU3P Datasheet HTML 187Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 183 / 311 page
background image
DS12903 Rev 2
183/311
STM32L4P5xx
Electrical characteristics
277
tWUSTBY
Wakeup time
from Standby
mode to Run
mode
range1
Wakeup clock MSI = 8 MHz
36.7
40
Wakeup clock MSI = 4 MHz
36.8
40.1
tWUSTBY
SRAM2
Wakeup time
from Standby
with SRAM2 to
Run mode
range1
Wakeup clock MSI = 8 MHz
36.9
40.2
Wakeup clock MSI = 4 MHz
36.9
40.3
tWUSHDN
Wakeup time
from Shutdown
mode to Run mode
range1
Wakeup clock MSI = 4 MHz 262.6 323.5
1. Guaranteed by characterization results.
Table 52. Low-power mode wakeup timings(1) (continued)
Symbol
Parameter
Conditions
Typ
Max
Unit
Table 53. Regulator modes transition times(1)
1. Guaranteed by characterization results.
Symbol
Parameter
Conditions
Typ
Max
Unit
tWULPRUN
Wakeup time from Low- power run
mode to Run mode(2)
2. Time until REGLPF flag is cleared in PWR_SR2.
Code run with MSI 2 MHz
5
7
μs
tVOST
Regulator transition time from
Range 2 to Range 1 or
Range 1 to Range 2(3)
3. Time until VOSF flag is cleared in PWR_SR2.
Code run with MSI 24 MHz
20
40
Table 54. Wakeup time using USART/LPUART(1)
1. Guaranteed by characterization results.
Symbol
Parameter
Conditions
Typ
Max
Unit
tWUUSART
tWULPUART
Wakeup time needed to calculate
the maximum USART/LPUART
baudrate allowing to wakeup up
from stop mode when
USART/LPUART clock source is
HSI
Stop mode 0
-
1.7
μs
Stop mode 1/2
-
8.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com