Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STM32L4P5CEU6P Datasheet(PDF) 290 Page - STMicroelectronics

No. de pieza STM32L4P5CEU6P
Descripción Electrónicos  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 150 DMIPS, up to 1-MB Flash memory, 320-KB SRAM, LCD-TFT, ext. SMPS
PDF  311 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L4P5CEU6P Datasheet(HTML) 290 Page - STMicroelectronics

Back Button STM32L4P5CEU6P Datasheet HTML 286Page - STMicroelectronics STM32L4P5CEU6P Datasheet HTML 287Page - STMicroelectronics STM32L4P5CEU6P Datasheet HTML 288Page - STMicroelectronics STM32L4P5CEU6P Datasheet HTML 289Page - STMicroelectronics STM32L4P5CEU6P Datasheet HTML 290Page - STMicroelectronics STM32L4P5CEU6P Datasheet HTML 291Page - STMicroelectronics STM32L4P5CEU6P Datasheet HTML 292Page - STMicroelectronics STM32L4P5CEU6P Datasheet HTML 293Page - STMicroelectronics STM32L4P5CEU6P Datasheet HTML 294Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 290 / 311 page
background image
Package information
STM32L4P5xx
290/311
DS12903 Rev 2
7.5
WLCSP100 package information
WLCSP100 is a 100-ball, 4.437 x 4.456 mm, 0.4 mm pitch wafer level chip scale package.
Figure 88. WLCSP100 outline
1. Drawing is not to scale.
2. Dimension is measured at the maximum bump diameter parallel to primary datum Z.
3. Primary datum Z and seating plane are defined by the spherical crowns of the bump.
4. Bump position designation per JESD 95-1, SPP-010.
A
K
B09Q_ME_V1
A1 ORIENTATION
REFERENCE
BOTTOM VIEW
BUMP SIDE
SIDE VIEW
TOP VIEW
WAFER BACK SIDE
1
10
DETAIL A
DETAIL A
e
e
D
e2 E
G
F
e1
D
E
(4X)
aaa
BUMP
eee Z
SEATING
PLANE
Z
Z
Z X Y
b(100X)
A1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com