Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STM32L4P5CEU6P Datasheet(PDF) 245 Page - STMicroelectronics

No. de pieza STM32L4P5CEU6P
Descripción Electrónicos  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 150 DMIPS, up to 1-MB Flash memory, 320-KB SRAM, LCD-TFT, ext. SMPS
PDF  311 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L4P5CEU6P Datasheet(HTML) 245 Page - STMicroelectronics

Back Button STM32L4P5CEU6P Datasheet HTML 241Page - STMicroelectronics STM32L4P5CEU6P Datasheet HTML 242Page - STMicroelectronics STM32L4P5CEU6P Datasheet HTML 243Page - STMicroelectronics STM32L4P5CEU6P Datasheet HTML 244Page - STMicroelectronics STM32L4P5CEU6P Datasheet HTML 245Page - STMicroelectronics STM32L4P5CEU6P Datasheet HTML 246Page - STMicroelectronics STM32L4P5CEU6P Datasheet HTML 247Page - STMicroelectronics STM32L4P5CEU6P Datasheet HTML 248Page - STMicroelectronics STM32L4P5CEU6P Datasheet HTML 249Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 245 / 311 page
background image
DS12903 Rev 2
245/311
STM32L4P5xx
Electrical characteristics
277
Figure 46. SAI slave timing waveforms
USB OTG full speed (FS) characteristics
The device’s USB interface is fully compliant with the USB specification version 2.0 and is
USB-IF certified (for Full-speed device operation).
Table 98. USB electrical characteristics
Symbol
Parameter
Conditions
Min(1)
1. All the voltages are measured from the local ground potential.
Typ
Max(1)
Unit
VDDUSB
USB OTG full speed
transceiver operating
voltage
-3.0(2)
-3.6
V
VDI(3)
Differential input sensitivity
Over VCM
range
0.2
-
-
VCM(3)
Differential input common
mode range
Includes VDI
range
0.8
-
2.5
VSE(3)
Single ended receiver input
threshold
-
0.8
-
2.0
VOL
Static output level low
RL of 1.5 kΩ to
3.6 V(4)
--
0.3
VOH
Static output level high
RL of 15 kΩ to
3.6 V(4)
2.8
-
3.6
RPD(3)
Pull down resistor on PA11,
PA12 (USB_FS_DP/DM)
VIN = VDD
14.25
-
24.8
kΩ
RPU(3)
Pull Up Resistor on PA12
(USB_FS_DP)
VIN = VSS
during idle
0.9
1.25
1.575
Pull Up Resistor on PA12
(USB_FS_DP)
VIN = VSS
during reception
1.425
2.25
3.09
Pull Up Resistor on PA10
(OTG_FS_ID)
--
-
14.5
MS32772V1
SAI_SCK_X
SAI_FS_X
(input)
SAI_SD_X
(transmit)
tsu(FS)
Slot n
SAI_SD_X
(receive)
tw(CKH_X)
th(FS)
Slot n+2
tv(SD_ST)
th(SD_ST)
Slot n
tsu(SD_SR)
tw(CKL_X)
th(SD_SR)
1/fSCK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com