Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STM32L4P5CEU6P Datasheet(PDF) 240 Page - STMicroelectronics

No. de pieza STM32L4P5CEU6P
Descripción Electrónicos  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 150 DMIPS, up to 1-MB Flash memory, 320-KB SRAM, LCD-TFT, ext. SMPS
PDF  311 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L4P5CEU6P Datasheet(HTML) 240 Page - STMicroelectronics

Back Button STM32L4P5CEU6P Datasheet HTML 236Page - STMicroelectronics STM32L4P5CEU6P Datasheet HTML 237Page - STMicroelectronics STM32L4P5CEU6P Datasheet HTML 238Page - STMicroelectronics STM32L4P5CEU6P Datasheet HTML 239Page - STMicroelectronics STM32L4P5CEU6P Datasheet HTML 240Page - STMicroelectronics STM32L4P5CEU6P Datasheet HTML 241Page - STMicroelectronics STM32L4P5CEU6P Datasheet HTML 242Page - STMicroelectronics STM32L4P5CEU6P Datasheet HTML 243Page - STMicroelectronics STM32L4P5CEU6P Datasheet HTML 244Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 240 / 311 page
background image
Electrical characteristics
STM32L4P5xx
240/311
DS12903 Rev 2
SPI characteristics
Unless otherwise specified, the parameters given in Table 96 for SPI are derived from tests
performed under the ambient temperature, fPCLKx frequency and supply voltage conditions
summarized in Table 21: General operating conditions.
•
Output speed is set to OSPEEDRy[1:0] = 11
•
Capacitive load C = 30 pF
•
Measurement points are done at CMOS levels: 0.5 x VDD
Refer to Section 6.3.14: I/O port characteristics for more details on the input/output alternate
function characteristics (NSS, SCK, MOSI, MISO for SPI).
Table 96. SPI characteristics(1)
Symbol
Parameter
Conditions
Min
Typ
Max(2)
Unit
fSCK
1/tc(SCK)
SPI clock frequency
Master mode
2.7 V < VDD < 3.6 V
Voltage Range V1
--
60
MHz
Master mode
1.71 V < VDD < 3.6 V
Voltage Range V1
45
Master transmitter mode
1.71 V < VDD < 3.6 V
Voltage Range V1
60
Slave receiver mode
1.71 V < VDD < 3.6 V
Voltage Range V1
60
Slave mode transmitter/full duplex
2.7 V < VDD < 3.6 V
Voltage Range V1
32
Slave mode transmitter/full duplex
1.71 V < VDD < 3.6 V
Voltage Range V1
22
1.71 V < VDD < 3.6 V
Voltage Range V2
13
1.08 V < VDD < 1.32 V(3)
12
tsu(NSS) NSS setup time
Slave mode, SPI prescaler = 2
4ₓTPCLK
--
ns
th(NSS) NSS hold time
Slave mode, SPI prescaler = 2
2ₓTPCLK
--
tw(SCKH)
tw(SCKL)
SCK high and low time
Master mode
TPCLK-1
TPCLK
TPCLK+1
tsu(MI)
Data input setup time
Master mode
1.5
-
-
tsu(SI)
Slave mode
2
-
-
th(MI)
Data input hold time
Master mode
5.5
-
-
th(SI)
Slave mode
5
-
-
ta(SO)
Data output access time Slave mode
9
-
34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com