Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STM32L4P5CEU6P Datasheet(PDF) 181 Page - STMicroelectronics

No. de pieza STM32L4P5CEU6P
Descripción Electrónicos  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 150 DMIPS, up to 1-MB Flash memory, 320-KB SRAM, LCD-TFT, ext. SMPS
PDF  311 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L4P5CEU6P Datasheet(HTML) 181 Page - STMicroelectronics

Back Button STM32L4P5CEU6P Datasheet HTML 177Page - STMicroelectronics STM32L4P5CEU6P Datasheet HTML 178Page - STMicroelectronics STM32L4P5CEU6P Datasheet HTML 179Page - STMicroelectronics STM32L4P5CEU6P Datasheet HTML 180Page - STMicroelectronics STM32L4P5CEU6P Datasheet HTML 181Page - STMicroelectronics STM32L4P5CEU6P Datasheet HTML 182Page - STMicroelectronics STM32L4P5CEU6P Datasheet HTML 183Page - STMicroelectronics STM32L4P5CEU6P Datasheet HTML 184Page - STMicroelectronics STM32L4P5CEU6P Datasheet HTML 185Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 181 / 311 page
background image
DS12903 Rev 2
181/311
STM32L4P5xx
Electrical characteristics
277
6.3.6
Wakeup time from low-power modes and voltage scaling
transition times
The wakeup times given in Table 52 are the latency between the event and the execution of
the first user instruction.
The device goes in low-power mode after the WFE (wait for event) instruction.
Table 52. Low-power mode wakeup timings(1)
Symbol
Parameter
Conditions
Typ
Max
Unit
tWUSLEEP
Wakeup time
from Sleep
mode to Run mode
-6
7.8
Nb of
CPU
cycles
tWULPSLEEP
Wakeup time
from Lowpower
sleep
mode to Lowpower
run mode
Wakeup in Flash with Flash in power-down
during low-power sleep mode (SLEEP_PD=1
in FLASH_ACR) and with clock MSI = 2 MHz
79
tWUSTOP0
Wake up time
from Stop 0
mode to Run
mode in Flash
range1
Wakeup clock MSI = 48 MHz
9
9.7
μs
Wakeup clock HSI16 = 16
MHz
8.3
8.9
range2
Wakeup clock MSI = 24 MHz 18.6
19.5
Wakeup clock HSI16 = 16
MHz
17.5
18.2
Wakeup clock MSI = 4 MHz
23.7
26.4
Wake up time
from Stop 0
mode to Run
mode in SRAM1
range1
Wakeup clock MSI = 48 MHz
1.8
2.5
Wakeup clock HSI16 = 16
MHz
2.5
2.8
range2
Wakeup clock MSI = 24 MHz
2.4
3.1
Wakeup clock HSI16 = 16
MHz
2.5
2.9
Wakeup clock MSI = 4 MHz
9.2
11.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com