Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STM32L4P5CEU6P Datasheet(PDF) 158 Page - STMicroelectronics

No. de pieza STM32L4P5CEU6P
Descripción Electrónicos  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 150 DMIPS, up to 1-MB Flash memory, 320-KB SRAM, LCD-TFT, ext. SMPS
PDF  311 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L4P5CEU6P Datasheet(HTML) 158 Page - STMicroelectronics

Back Button STM32L4P5CEU6P Datasheet HTML 154Page - STMicroelectronics STM32L4P5CEU6P Datasheet HTML 155Page - STMicroelectronics STM32L4P5CEU6P Datasheet HTML 156Page - STMicroelectronics STM32L4P5CEU6P Datasheet HTML 157Page - STMicroelectronics STM32L4P5CEU6P Datasheet HTML 158Page - STMicroelectronics STM32L4P5CEU6P Datasheet HTML 159Page - STMicroelectronics STM32L4P5CEU6P Datasheet HTML 160Page - STMicroelectronics STM32L4P5CEU6P Datasheet HTML 161Page - STMicroelectronics STM32L4P5CEU6P Datasheet HTML 162Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 158 / 311 page
background image
Table 37. Typical current consumption in Run and Low-power run modes,
with different codes running from Flash, ART disable
Symbol
Parameter
Conditions
Code
TYP
Single Bank
Mode
TYP
Dual Bank
Mode
Unit
TYP
Single Bank
Mode
TYP
Dual Bank
Mode
Unit
-
Voltage
scaling
25°C
25°C
25°C
25°C
IDD (Run)
Supply
current in
Run mode
fHCLK=fHSE
up to 48 MHZ
included,
bypass mode
PLL ON above
48 MHz all
peripherals
disable
Range2
fHCLK=26MH
z
Reduced code(1)
3.60
3.70
mA
138
142
µA/MHz
Coremark
3.75
3.45
144
133
Dhrystone2.1
3.80
3.50
146
135
Fibonacci
3.70
3.20
142
123
While(1)
2.90
2.90
112
112
Range 1
Normal Mode
fHCLK= 80
MHz
Reduced code(1)
12.50
12.00
mA
156
150
µA/MHz
Coremark
12.50
11.00
156
138
Dhrystone2.1
12.50
11.50
156
144
Fibonacci
12.00
10.50
150
131
While(1)
10.50
10.50
131
131
Range 1
Boost Mode
fHCLK= 120
MHz
Reduced code(1)
17.50
16.00
mA
146
133
µA/MHz
Coremark
17.00
15.00
142
125
Dhrystone2.1
17.00
15.00
142
125
Fibonacci
17.00
14.00
142
117
While(1)
16.50
16.50
138
138
IDD
(LPRun)
Supply
current in
Low-power
run
fHCLK = fMSI = 2MHz all
pripherals disable
Reduced code(1)
495
485
µA
248
243
µA/MHz
Coremark
540
550
270
275
Dhrystone2.1
600
565
300
283
Fibonacci
550
545
275
273
While(1)
365
720
183
360
1. Reduced code used for characterization results provided in Table 25, Table 29, Table 33.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com