Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STM32L4P5CEU6P Datasheet(PDF) 146 Page - STMicroelectronics

No. de pieza STM32L4P5CEU6P
Descripción Electrónicos  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 150 DMIPS, up to 1-MB Flash memory, 320-KB SRAM, LCD-TFT, ext. SMPS
PDF  311 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L4P5CEU6P Datasheet(HTML) 146 Page - STMicroelectronics

Back Button STM32L4P5CEU6P Datasheet HTML 142Page - STMicroelectronics STM32L4P5CEU6P Datasheet HTML 143Page - STMicroelectronics STM32L4P5CEU6P Datasheet HTML 144Page - STMicroelectronics STM32L4P5CEU6P Datasheet HTML 145Page - STMicroelectronics STM32L4P5CEU6P Datasheet HTML 146Page - STMicroelectronics STM32L4P5CEU6P Datasheet HTML 147Page - STMicroelectronics STM32L4P5CEU6P Datasheet HTML 148Page - STMicroelectronics STM32L4P5CEU6P Datasheet HTML 149Page - STMicroelectronics STM32L4P5CEU6P Datasheet HTML 150Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 311 page
background image
Table 26. Current consumption in Run and Low-power run modes, code with data processing
running from Flash in single Bank, ART enable (Cache ON Prefetch OFF)
and power supplied by external SMPS
Symbol
Parameter
Conditions(1)
TYP
Unit
-
VDD12
fHCLK
25°C
55°C
85°C
105°C
125°C
IDD(Run)
Supply
current in Run
mode
fHCLK = fHSE up to
48 MHz included,
bypass mode PLL
ON above 48 MHz
all peripherals
disable
VDD12=1.20V
120 MHz
7.02
7.22
7.82
8.62
10.03
mA
VDD12=1.10V
80 MHz
3.95
4.13
4.67
5.39
6.47
72 MHz
3.59
3.77
4.31
4.85
6.11
64 MHz
3.25
3.43
3.95
4.49
5.75
48 MHz
2.44
2.62
3.07
3.77
4.85
32 MHz
1.67
1.83
2.28
2.91
3.95
26 MHz
1.36
1.51
1.94
2.57
3.67
16 MHz
0.88
1.04
1.45
2.07
3.17
8 MHz
0.5
0.65
1.08
1.66
2.76
4 MHz
0.3
0.43
0.86
1.47
2.57
2 MHz
0.2
0.34
0.75
1.36
2.46
1 MHz
0.15
0.29
0.71
1.32
2.42
100 KHz
0.11
0.25
0.67
1.27
2.37
1. All values are obtained by calculation based on measurements done without SMPS and using following parameters: SMPS input = 3.3 V, SMPS efficiency = 85%.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com