Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STM32L4P5CEI6P Datasheet(PDF) 1 Page - STMicroelectronics

No. de pieza STM32L4P5CEI6P
Descripción Electrónicos  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 150 DMIPS, up to 1-MB Flash memory, 320-KB SRAM, LCD-TFT, ext. SMPS
PDF  311 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L4P5CEI6P Datasheet(HTML) 1 Page - STMicroelectronics

  STM32L4P5CEI6P Datasheet HTML 1Page - STMicroelectronics STM32L4P5CEI6P Datasheet HTML 2Page - STMicroelectronics STM32L4P5CEI6P Datasheet HTML 3Page - STMicroelectronics STM32L4P5CEI6P Datasheet HTML 4Page - STMicroelectronics STM32L4P5CEI6P Datasheet HTML 5Page - STMicroelectronics STM32L4P5CEI6P Datasheet HTML 6Page - STMicroelectronics STM32L4P5CEI6P Datasheet HTML 7Page - STMicroelectronics STM32L4P5CEI6P Datasheet HTML 8Page - STMicroelectronics STM32L4P5CEI6P Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 311 page
background image
This is information on a product in full production.
March 2020
DS12903 Rev 2
1/311
STM32L4P5xx
Ultra-low-power Arm®Cortex®-M4 32-bit MCU+FPU, 150 DMIPS,
up to 1-MB Flash memory, 320-KB SRAM, LCD-TFT, ext. SMPS
Datasheet
- production data
Features
Ultra-low-power with FlexPowerControl
• 1.71 V to 3.6 V power supply
• -40 °C to 85/125 °C temperature range
• Batch acquisition mode (BAM)
• 150 nA in VBAT mode: supply for RTC and
32x32-bit backup registers
• 22 nA Shutdown mode (5 wakeup pins)
• 42 nA Standby mode (5 wakeup pins)
• 190 nA Standby mode with RTC
• 2.95 μA Stop 2 with RTC
• 110 μA/MHz Run mode (LDO mode)
• 41 μA/MHz Run mode (@ 3.3 V SMPS mode)
• 5 µs wakeup from Stop mode
• Brownout reset (BOR) in all modes except
Shutdown
Core
• Arm® 32-bit Cortex®-M4 CPU with FPU,
adaptive real-time accelerator (ART
Accelerator) allowing 0-wait-state execution
from Flash memory, frequency up to 120 MHz,
MPU, 150 DMIPS/1.25 DMIPS/MHz
(Dhrystone 2.1), and DSP instructions
Memories
• 1-Mbyte Flash memory, 2 banks read-while-
write, proprietary code readout protection
• 320 Kbytes of SRAM including 64 Kbytes with
hardware parity check
• External memory interface for static memories
supporting SRAM, PSRAM, NOR, NAND and
FRAM memories
• 2 x Octo-SPI memory interfaces
General-purpose inputs/outputs
• Up to 136 fast I/Os, most 5 V-tolerant, up to 14
I/Os with independent supply down to 1.08 V
Performance benchmark
• 1.25 DMIPS/MHz (Drystone 2.1)
• 409.20 CoreMark® (3.41 CoreMark/MHz @120
MHz)
Energy benchmark
• 285 ULPMark™CP score
Up to 24 capacitive sensing channels
• Support touchkey, linear and rotary touch
sensors
Clock management
• 4 to 48 MHz crystal oscillator
• 32 kHz crystal oscillator for RTC (LSE)
• Internal 16 MHz factory-trimmed RC (±1%)
• Internal low-power 32 kHz RC (±5%)
• Internal multispeed 100 kHz to 48 MHz
oscillator, auto-trimmed by LSE (better than
±0.25 % accuracy)
• Internal 48 MHz with clock recovery
• 3 PLLs for system clock, USB, audio, ADC
LQFP48 (7 x 7 mm)
LQFP64 (10 x 10 mm)
LQFP100 (14 x 14 mm)
LQFP144 (20 x 20 mm)
UFQFPN48
(7 x 7 mm)
UFBGA169 (7 x 7 mm)
UFBGA132 (7 x 7 mm)
WLCSP100
(pitch 0.4 mm)
www.st.com


Número de pieza similar - STM32L4P5CEI6P

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
STM32L4P5CE STMICROELECTRONICS-STM32L4P5CE Datasheet
6Mb / 310P
Ultra-low-power Arm®Cortex®-M4 32-bit MCUFPU, 150 DMIPS, up to 1-MB Flash memory, 320-KB SRAM, LCD-TFT, ext. SMPS
December 2019 Rev1
More results

Descripción similar - STM32L4P5CEI6P

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
STM32L4P5XX STMICROELECTRONICS-STM32L4P5XX Datasheet
6Mb / 310P
Ultra-low-power Arm®Cortex®-M4 32-bit MCUFPU, 150 DMIPS, up to 1-MB Flash memory, 320-KB SRAM, LCD-TFT, ext. SMPS
December 2019 Rev1
STM32L4Q5XX STMICROELECTRONICS-STM32L4Q5XX Datasheet
5Mb / 284P
Ultra-low-power Arm®Cortex®-M4 32-bit MCUFPU, 150 DMIPS, 1-MB Flash memory, 320-KB SRAM, LCD-TFT, AESPKA
December 2019 Rev 1
STM32U575XX STMICROELECTRONICS-STM32U575XX Datasheet
6Mb / 329P
Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 240 DMIPS, up to 2 MB Flash memory, 786 KB SRAM
02-Jun-2022
STM32G483XE STMICROELECTRONICS-STM32G483XE Datasheet
2Mb / 230P
Arm® Cortex®-M4 32-bit MCUFPU, up to 512 KB Flash, 170 MHz / 213 DMIPS, 128 KB SRAM, rich analog, math accelerator, AES
15-Nov-2021
STM32U535XX STMICROELECTRONICS-STM32U535XX Datasheet
3Mb / 278P
Ultra-low-power Arm® Cortex®-M33 MCUTrustZone®FPU,240 DMIPS, up to 512 KB flash memory, 274 KB SRAM
17-Feb-2023
STM32U545XX STMICROELECTRONICS-STM32U545XX Datasheet
3Mb / 283P
Ultra-low-power Arm® Cortex®-M33 MCUTrustZone®FPU,240 DMIPS, 512 KB flash memory, 274 KB SRAM, crypto
17-Feb-2023
STM32U59XXX STMICROELECTRONICS-STM32U59XXX Datasheet
6Mb / 377P
Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU,240 DMIPS, up to 4 MB Flash, 2.5 MB SRAM, LTDC, MIPI® DSI
16-Feb-2023
STM32U5AXXX STMICROELECTRONICS-STM32U5AXXX Datasheet
6Mb / 382P
Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU,240 DMIPS, 4 MB Flash, 2.5 MB SRAM, LTDC, MIPI® DSI, crypto
February 2023 Rev 1
STM32U585XX STMICROELECTRONICS-STM32U585XX Datasheet
6Mb / 340P
Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU,240 DMIPS, up to 2 MB Flash memory, 786 KB SRAM, crypto
27-Mar-2023
STM32G431X6 STMICROELECTRONICS-STM32G431X6 Datasheet
2Mb / 198P
Arm® Cortex®-M4 32-bit MCUFPU, 170 MHz /213 DMIPS,up to 128 KB Flash, 32 KB SRAM, rich analog, math accelerator
22-Oct-2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com