| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STM32L4P5CEI3PTR Datasheet(PDF) 86 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L4P5CEI3PTR Datasheet(HTML) 86 Page - STMicroelectronics |
|
86 / 311 page ![]() 19 19 19 19 26 27 K7 K7 36 36 M6 M6 47 47 L5 L5 PB1 I/O FT _a - TIM1_CH3N, TIM3_CH4, TIM8_CH3N, DFSDM1_DATIN0, USART3_RTS_DE, LPUART1_RTS_DE, OCTOSPIM_P1_IO0, LCD_G6, LPTIM2_IN1, EVENTOUT COMP1_INM, ADC12_IN16 20 20 20 20 27 28 J6 F5 37 37 L6 L6 48 48 N5 N5 PB2 I/O FT _a - RTC_OUT2, LPTIM1_OUT, I2C3_SMBA, DFSDM1_CKIN0, OCTOSPIM_P1_DQS , EVENTOUT COMP1_INP - --- -- --- - K6 K6 49 49 M5 M5 PF11 I/O FT - OCTOSPIM_P1_NCL K, LCD_DE, DCMI_D12/PSSI_D1 2, EVENTOUT - - --- -- --- - J7 J7 50 50 N6 N6 PF12 I/O FT - OCTOSPIM_P2_DQS , LCD_B0, FMC_A6, EVENTOUT - - --- -- --- - E3 E3 51 51 H2 H2 VSS S - - - - - --- -- --- - H3 H3 52 52 N7 N7 VDD S - - - - Table 15. STM32L4P5xx pin definitions (continued) Pin Number Pin name (function after reset) Alternate functions Additional functions |