Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

L9822EPD Datasheet(PDF) 10 Page - STMicroelectronics

No. de pieza L9822EPD
Descripción Electrónicos  OCTAL SERIAL SOLENOID DRIVER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9822EPD Datasheet(HTML) 10 Page - STMicroelectronics

Back Button L9822EPD Datasheet HTML 3Page - STMicroelectronics L9822EPD Datasheet HTML 4Page - STMicroelectronics L9822EPD Datasheet HTML 5Page - STMicroelectronics L9822EPD Datasheet HTML 6Page - STMicroelectronics L9822EPD Datasheet HTML 7Page - STMicroelectronics L9822EPD Datasheet HTML 8Page - STMicroelectronics L9822EPD Datasheet HTML 9Page - STMicroelectronics L9822EPD Datasheet HTML 10Page - STMicroelectronics L9822EPD Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
SO20 PACKAGE MECHANICAL DATA
DIM.
mm
inch
MIN
TYP
MAX
MIN
TYP
MAX
A
2.65
0.104
a1
0.1
0.2
0.004
0.008
a2
2.45
0.096
b
0.35
0.49
0.014
0.019
b1
0.23
0.32
0.009
0.013
C
0.5
0.020
c1
45
° (typ.)
D
1
12.6
0.039
0.496
E
10
10.65
0.394
0.419
e
1.27
0.050
e3
11.43
0.450
F
1
7.4
0.039
0.291
G
8.8
9.15
0.346
0.360
L
0.5
1.27
0.020
0.050
M
0.75
0.030
S8
° (max.)
L9822E
10/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11