Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

L9611C Datasheet(PDF) 6 Page - STMicroelectronics

No. de pieza L9611C
Descripción Electrónicos  PWM POWER MOS CONTROLLER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9611C Datasheet(HTML) 6 Page - STMicroelectronics

Back Button L9611C Datasheet HTML 2Page - STMicroelectronics L9611C Datasheet HTML 3Page - STMicroelectronics L9611C Datasheet HTML 4Page - STMicroelectronics L9611C Datasheet HTML 5Page - STMicroelectronics L9611C Datasheet HTML 6Page - STMicroelectronics L9611C Datasheet HTML 7Page - STMicroelectronics L9611C Datasheet HTML 8Page - STMicroelectronics L9611C Datasheet HTML 9Page - STMicroelectronics L9611C Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Figure 2 : The Typical Waveforms for the Power Limitation Function.
SHORT CIRCUIT CURRENT REGULATION
The maximum load current in the short circuit con-
dition can be chosen by the value of the current
sensing resistor RS according to :
ISC =VSI/RS
Two identical VS compatible comparators are pro-
vided to realize the short circuit protection.
After reaching the lower threshold voltage (typical
value VSI-10 mV), the first comparator enables the
timer and the gate is driven with the full continuous
pump voltage : when the upper threshold voltage
value is reached the second comparator maintains
the chosen ISC driving the NMOS gate in continuous
mode.
This function - showed in fig. 3 - speeds up the
switch on phase for a lamp as a load.
BANDGAP VOLTAGE REFERENCE
The circuit provides a reference voltage which may
be used as control input voltage through a resistive
divider. This reference is protected against the short
circuit current.
CHARGE PUMP
The charge pump circuit holds the N-MOS gate
above the supply voltage during the ON phase. This
circuit consists of an RC astable which drives a com-
parator with a push-pull output stage. The external
charge pump capacitor CP must be at least equal to
the NMOS parasitic input capacitance.
For fast gate voltage variation CP must be increased
or the bootstrap function can be used. The bootstrap
capacitor should be at least 10 times greater than
the powerMOS parasitic capacitance.
The charge pump voltage VPUMP can reach to :
VPUMP =2 VS -VBE -VCESAT
The circuit is disabled if the supply voltage is higher
than VSH.
L9610C - L9611C
6/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12