| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
L9444 Datasheet(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9444 Datasheet(HTML) 1 Page - STMicroelectronics |
|
1 / 5 page ![]() L9444VB/L9448VB L9480VB ONE CHIP CAR ALTERNATOR REGULATOR ADVANCE DATA NO EXTERNAL COMPONENTS PRECISE TEMPERATURE COEFFICIENT PRECISE REGULATED VOLTAGE HIGH OUTPUT CURRENT SHORT CIRCUIT PROTECTED REVERSE BATTERY PROTECTION + 80 V LOAD DUMP PROTECTION LOW ENERGY SPIKE PROTECTION THERMAL SHUTDOWN VERY LOW START UP VOLTAGE DESCRIPTION The devices are a ”single function” self-oscillating voltage regulator for car alternators. Integrating both the control section and the output power stage on a single chip, the devices require no ex- ternal components, reducing significantly the cost of the system and increasing reliability. This is advanced information on a new product now in development or undergoing evaluation. Details are subject to change without notice. October 1992 BLOCK DIAGRAM TO220 ORDERING NUMBER: L9444VB L9448VB L9480VB 1/5 |
Número de pieza similar - L9444 |
|
Descripción similar - L9444 |