| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
MPF0900AMBA2ES Datasheet(PDF) 16 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MPF0900AMBA2ES Datasheet(HTML) 16 Page - NXP Semiconductors |
|
16 / 205 page ![]() NXP Semiconductors PF09 Nine-channel power management IC with advanced system safety monitoring PROG_IDH[4:0] OTP ID First Letter 00010 C 00011 D 00100 E 00101 F 00110 G 00111 H 01000 J 01001 K 01010 L 01011 M 01100 N 01101 P 01110 Q 01111 R 10000 S 10001 T 10010 U 10011 V 10100 W 10101 X 10110 Y 10111 Z 11000 - 11111 NOT ASSIGNED Table 9. PROG_IDH bit field...continued The PROG_IDL[5:0] bits provide the hexadecimal coding of the second OTP ID character (1 - 9 and A – Z). PROG_IDL[4:0] OTP ID second letter 000000 0 000001 1 000010 2 000011 3 000100 4 000101 5 000110 6 000111 7 001000 8 001001 9 Table 10. PROG_IDL bit field PF09 All information provided in this document is subject to legal disclaimers. © 2026 NXP B.V. All rights reserved. Product data sheet Rev. 1.3 — 16 December 2025 Document feedback 16 / 205 |