Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MMBT1616A Datasheet(PDF) 2 Page - Galaxy Semi-Conductor Holdings Limited

No. de pieza MMBT1616A
Descripción Electrónicos  NPN Silicon Epitaxial Planar Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  BILIN [Galaxy Semi-Conductor Holdings Limited]
Página de inicio  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

MMBT1616A Datasheet(HTML) 2 Page - Galaxy Semi-Conductor Holdings Limited

  MMBT1616A Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited MMBT1616A Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited MMBT1616A Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited MMBT1616A Datasheet HTML 4Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BL Galaxy Electrical
Production specification
NPN Silicon Epitaxial Planar Transistor
MMBT1616A
Document number: BL/SSSTC070
www.galaxycn.com
Rev.A
2
ELECTRICAL CHARACTERISTICS @ Ta=25℃ unless otherwise specified
Parameter
Symbol
Test conditions
MIN
TYP
MAX
UNIT
Collector-base breakdown voltage
V(BR)CBO
IC=100μA,IE=0
120
V
Collector-emitter breakdown voltage
V(BR)CEO
IC=1mA,IB=0
B
60
V
Emitter-base breakdown voltage
V(BR)EBO
IE=100μA,IC=0
6
V
Collector cut-off current
ICBO
VCB=60V,IE=0
0.1
μA
Emitter cut-off current
IEBO
VEB=6V,IC=0
0.1
μA
DC current gain
hFE
VCE=2V,IC=100mA
VCE=2V, IC=1A
135
81
400
Collector-emitter saturation voltage
VCE(sat)
IC=1A, IB=50mA
B
0.3
V
Base-emitter saturation voltage
VBE(sat)
IC=1A, IB=50mA
B
1.2
V
Transition frequency
fT
VCE=2V, IC= 100mA
100
MHz
Collector output capacitance
Cob
VCB=10V,IE=0,f=1MHz
19
pF
Turn on time
ton
VCE=10V,IC=100mA
0.07
μS
Fall time
tf
VBE(off)=2-3V
0.07
μS
Storage time
ts
IB1=IB2=10mA
0.95
μS



Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com