Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STPS15L25 Datasheet(PDF) 2 Page - STMicroelectronics

No. de pieza STPS15L25
Descripción Electrónicos  LOW DROP POWER SCHOTTKY RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS15L25 Datasheet(HTML) 2 Page - STMicroelectronics

  STPS15L25 Datasheet HTML 1Page - STMicroelectronics STPS15L25 Datasheet HTML 2Page - STMicroelectronics STPS15L25 Datasheet HTML 3Page - STMicroelectronics STPS15L25 Datasheet HTML 4Page - STMicroelectronics STPS15L25 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
STPS15L25D/G
2/5
Symbol
Parameter
Value
Unit
Rth(j-c)
Junction to case
1
°C/W
THERMAL RESISTANCES
Symbol
Parameters
Test conditions
Min.
Typ.
Max.
Unit
IR *
Reverse leakage current
Tj = 25°C
VR =
VRRM
1.3
mA
Tj = 125°C
225
450
mA
VF *
Forward voltage drop
Tj = 25°C
IF = 15A
0.46
V
Tj = 125°C
IF = 15A
0.3
0.35
Tj = 25°C
IF = 30A
0.56
Tj = 125°C
IF = 30A
0.41
0.46
Pulse test : * tp = 380 µs,
δ <2%
To evaluate the maximum conduction losses use the following equation :
P=0.24xIF(AV) + 0.0073 IF
2
(RMS)
STATIC ELECTRICAL CHARACTERISTICS
0
2
4
6
8
10
12
14
16
0
1
2
3
4
5
6
7
8
IF(av) (A)
PF(av)(W)
δ = 0.2
δ = 0.5
δ = 1
δ = 0.05
δ = 0.1
T
δ=tp/T
tp
Fig. 1: Average forward power dissipation versus
average forward current.
0
25
50
75
100
125
150
0
2
4
6
8
10
12
14
16
IF(av)(A)
Rth(j-a)=50°C/W
Rth(j-a)=Rth(j-c)
Tamb(°C)
T
δ=tp/T
tp
Fig. 2: Average forward current versus ambient
temperature (
δ = 0.5).
0
0.2
0.4
0.6
0.8
1
1.2
0
25
50
75
100
125
150
T (°C)
j
P(t )
P
(25°C)
ARM p
ARM
Fig. 4: Normalized avalanche power derating
versus junction temperature.
0.001
0.01
0.1
0.01
1
0.1
10
100
1000
1
t (µs)
p
P(t )
P
(1µs)
ARM p
ARM
Fig. 3: Normalized avalanche power derating
versus pulse duration.



Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com