| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
EL5210CS Datasheet(PDF) 2 Page - Intersil Corporation |
|
|
|||||||||||||||||||||||||||||
EL5210CS Datasheet(HTML) 2 Page - Intersil Corporation |
|
2 / 16 page ![]() 2 FN7185.3 July 5, 2007 Ordering Information PART NUMBER PART MARKING PACKAGE PKG. DWG. # EL5210CS 5210CS 8 Ld SOIC MDP0027 EL5210CS-T7* 5210CS 8 Ld SOIC MDP0027 EL5210CS-T13* 5210CS 8 Ld SOIC MDP0027 EL5210CSZ (Note) 5210CSZ 8 Ld SOIC (Pb-free) MDP0027 EL5210CSZ-T7* (Note) 5210CSZ 8 Ld SOIC (Pb-free) MDP0027 EL5210CSZ-T13* (Note) 5210CSZ 8 Ld SOIC (Pb-free) MDP0027 EL5210CY J 8 Ld MSOP MDP0043 EL5210CY-T7* J 8 Ld MSOP MDP0043 EL5210CY-T13* J 8 Ld MSOP MDP0043 EL5210CYZ (Note) BATAA 8 Ld MSOP (Pb-free) MDP0043 EL5210CYZ-T7* (Note) BATAA 8 Ld MSOP (Pb-free) MDP0043 EL5210CYZ-T13* (Note) BATAA 8 Ld MSOP (Pb-free) MDP0043 EL5410CS 5410CS 14 Ld SOIC MDP0027 EL5410CS-T7* 5410CS 14 Ld SOIC MDP0027 EL5410CS-T13* 5410CS 14 Ld SOIC MDP0027 EL5410CSZ (Note) 5410CSZ 14 Ld SOIC (Pb-free) MDP0027 EL5410CSZ-T7* (Note) 5410CSZ 14 Ld SOIC (Pb-free) MDP0027 EL5410CSZ-T13* (Note) 5410CSZ 14 Ld SOIC (Pb-free) MDP0027 EL5410CR 5410CR 14 Ld TSSOP MDP0044 EL5410CR-T7* 5410CR 14 Ld TSSOP MDP0044 EL5410CR-T13* 5410CR 14 Ld TSSOP MDP0044 EL5410CRZ (Note) 5410CRZ 14 Ld TSSOP (Pb-free) M14.173 EL5410CRZ-T7* (Note) 5410CRZ 14 Ld TSSOP (Pb-free) M14.173 EL5410CRZ-T13* (Note) 5410CRZ 14 Ld TSSOP (Pb-free) M14.173 *“-T7” or “-T13” suffix is for tape and reel. Please refer to TB347 for details on reel specifications. NOTE: Intersil Pb-free plus anneal products employ special Pb-free material sets; molding compounds/die attach materials and 100% matte tin plate termination finish, which are RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020. EL5210, EL5410 |