Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD8532ARMZ-R2 Datasheet(PDF) 10 Page - Analog Devices

No. de pieza AD8532ARMZ-R2
Descripción Electrónicos  Low Cost, 250 mA Output, Single-Supply Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD8532ARMZ-R2 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD8532ARMZ-R2 Datasheet HTML 6Page - Analog Devices AD8532ARMZ-R2 Datasheet HTML 7Page - Analog Devices AD8532ARMZ-R2 Datasheet HTML 8Page - Analog Devices AD8532ARMZ-R2 Datasheet HTML 9Page - Analog Devices AD8532ARMZ-R2 Datasheet HTML 10Page - Analog Devices AD8532ARMZ-R2 Datasheet HTML 11Page - Analog Devices AD8532ARMZ-R2 Datasheet HTML 12Page - Analog Devices AD8532ARMZ-R2 Datasheet HTML 13Page - Analog Devices AD8532ARMZ-R2 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
AD8531/AD8532/AD8534
Rev. F | Page 10 of 20
10
0%
100
90
500ns
500mV
VS = ±2.5V
AV = 1
RL = 2kΩ
TA = 25°C
SUPPLY VOLTAGE (±V)
0.7
0.8
0.6
0.5
0.4
0.3
0.2
0.1
0
0.75
1.50
1.00
2.00
2.50
3.00
TA = 25°C
Figure 33. Large Signal Transient Response
Figure 30. Supply Current per Amplifier vs. Supply Voltage
10
0%
100
90
500ns
500mV
VS = ±1.35V
AV = 1
RL = 2kΩ
TA = 25°C
500 ns/DIV
0V
VS = 1.35V
VIN = 50mV
AV = 1Ω
RL = 2kΩ
CL = 300pF
TA = 25°C
Figure 34. Large Signal Transient Response
Figure 31. Small Signal Transient Response
10
0%
100
90
10µs
1V
1V
500ns/DIV
0V
VS = 2.5V
VIN = 50mV
AV = 1Ω
RL = 2kΩ
CL = 300pF
TA = 25°C
Figure 35. No Phase Reversal
Figure 32. Small Signal Transient Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20