| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
FWP221S4-R002-C Datasheet(PDF) 2 Page - Bourns Electronic Solutions |
|
|
|||||||||||||||||||||||||||||
FWP221S4-R002-C Datasheet(HTML) 2 Page - Bourns Electronic Solutions |
|
2 / 7 page ![]() Applications n Battery management systems n Power supplies n Power modules n Frequency converters Temperature Coefficient 2000 0 -2000 -4000 -6000 -8000 -10000 -40 -20 0 20 40 60 80 100 120 140 TEMPERATURE (°C) NOMINAL Δ R/R LIMIT 1 LIMIT 2 Power Derating Curve 120 100 80 60 40 20 0 25 50 0.5 % 0.2 % 0.1 % 85 100 115 130 TEMPERATURE OF THE BACKPLATE (°C) Power Rating Notes The FWP Series Resistors must be attached to a suitable heat sink. The maximum internal resistor temperature is 130 °C. To specify an appropriate heat sink use the following formula: RθH = TMAX - (P x RθR) - TA P Where: RθH = Thermal Resistance of Heat Sink (K/W) RθR = Thermal Resistance of Resistor (K/W) TMAX = Maximum Temperature of Resistor TA = Ambient Temperature of Heat Sink (°C) P = Power Through Resistor (W) Performance Characteristics Test Conditions Test Method Reference Limit Load Life 1000 hours, ON/OFF with rated power at +25 ℃ MIL-STD-202 Method 108 ΔR < ±1 % High Temperature Exposure +155 °C for 1000 hours MIL-STD-202 Method 303 ΔR < ±1 % Low Temperature Storage -55 ℃ for 24 hours MIL-STD-202 Method 303 ΔR < ±0.5 % Thermal Shock -55 °C to +155 ℃, 5 cycles MIL-STD-202 Method 107 ΔR < ±0.5 % Humidity Resistance +40 ℃ / 90 % for 240 hours MIL-STD-202 Method 103 ΔR < ±0.5 % Resistance to Solder Heat Solder dipping at 260 ℃ for 10 sec. MIL-STD-202 Method 210 ΔR < ±0.5 % Short Time Overload 2.5x rated power for 5 sec. MIL-STD-202 Method 303 ΔR < ±0.5 % Specifications are subject to change without notice. Users should verify actual device performance in their specific applications. The products described herein and this document are subject to specific legal disclaimers as set forth on the last page of this document, and at www.bourns.com/docs/legal/disclaimer.pdf. FWP220/221 Series – Riedon™ Precision Power Foil Shunt Resistors by Bourns |