| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
HD34-18-6PN-059 Datasheet(PDF) 12 Page - TE Connectivity Ltd |
|
|
|||||||||||||||||||||||||||||
HD34-18-6PN-059 Datasheet(HTML) 12 Page - TE Connectivity Ltd |
|
12 / 164 page ![]() INDUSTRIAL & COMMERCIAL TRANSPORTATION /// CONNECTOR SELECTOR PAGE 12 AWG CONVERSION TABLE AWG CODE DIAMETER (in.) DIAMETER (mm) F (mm2) 0000 0.4600 11.684 103.8 000 0.4096 10.40 79.0 00 0.3648 9.27 67.5 0 0.3249 8.25 53.4 1 0.2893 7.34 42.2 2 0.2576 6.55 33.7 3 0.2294 5.82 26.6 4 0.2043 5.18 21.0 5 0.1819 4.62 16.9 6 0.1620 4.115 13.25 7 0.1443 3.66 10.25 8 0.1285 3.26 8.34 9 0.1144 2.90 6.6 10 0.1019 2.59 5.27 11 0.0907 2.30 4.15 12 0.0808 2.05 3.3 13 0.0720 1.83 2.63 14 0.0641 1.63 2.08 15 0.0571 1.45 1.65 16 0.0508 1.29 1.305 17 0.0453 1.14 1.01 18 0.0403 1.02 0.79 19 0.0359 0.91 0.65 20 0.0320 0.81 0.51 21 0.0285 0.72 0.407 22 0.0253 0.64 0.32 23 0.0226 0.57 0.255 24 0.0201 0.51 0.205 25 0.0179 0.455 0.162 26 0.0159 0.40 0.125 27 0.0142 0.36 0.102 28 0.0126 0.32 0.08 |