| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AD8615AUJZ-R2 Datasheet(PDF) 15 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD8615AUJZ-R2 Datasheet(HTML) 15 Page - Analog Devices |
|
15 / 20 page ![]() AD8615/AD8616/AD8618 Rev. C | Page 15 of 20 OUTLINE DIMENSIONS 0.80 0.60 0.40 8° 0° 4 8 1 5 4.90 BSC PIN 1 0.65 BSC 3.00 BSC SEATING PLANE 0.15 0.00 0.38 0.22 1.10 MAX 3.00 BSC COPLANARITY 0.10 0.23 0.08 COMPLIANT TO JEDEC STANDARDS MO-187-AA Figure 48. 8-Lead Mini Small Outline Package [MSOP] (RM-8) Dimensions shown in millimeters 0.25 (0.0098) 0.17 (0.0067) 1.27 (0.0500) 0.40 (0.0157) 0.50 (0.0196) 0.25 (0.0099) × 45° 8° 0° 1.75 (0.0688) 1.35 (0.0532) SEATING PLANE 0.25 (0.0098) 0.10 (0.0040) 4 1 85 5.00 (0.1968) 4.80 (0.1890) 4.00 (0.1574) 3.80 (0.1497) 1.27 (0.0500) BSC 6.20 (0.2440) 5.80 (0.2284) 0.51 (0.0201) 0.31 (0.0122) COPLANARITY 0.10 CONTROLLING DIMENSIONS ARE IN MILLIMETERS; INCH DIMENSIONS (IN PARENTHESES) ARE ROUNDED-OFF MILLIMETER EQUIVALENTS FOR REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN COMPLIANT TO JEDEC STANDARDS MS-012-AA Figure 49. 8-Lead Standard Small Outline Package [SOIC] Narrow Body (R-8) Dimensions shown in millimeters and (inches) CONTROLLING DIMENSIONS ARE IN MILLIMETERS; INCH DIMENSIONS (IN PARENTHESES) ARE ROUNDED-OFF MILLIMETER EQUIVALENTS FOR REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN COMPLIANT TO JEDEC STANDARDS MS-012-AB COPLANARITY 0.10 14 8 7 1 6.20 (0.2441) 5.80 (0.2283) 4.00 (0.1575) 3.80 (0.1496) 8.75 (0.3445) 8.55 (0.3366) 1.27 (0.0500) BSC SEATING PLANE 0.25 (0.0098) 0.10 (0.0039) 0.51 (0.0201) 0.31 (0.0122) 1.75 (0.0689) 1.35 (0.0531) 8° 0° 0.50 (0.0197) 0.25 (0.0098) 1.27 (0.0500) 0.40 (0.0157) 0.25 (0.0098) 0.17 (0.0067) × 45° Figure 50. 14-Lead Standard Small Outline Package [SOIC] Narrow Body (R-14) Dimensions shown in millimeters and (inches) 4.50 4.40 4.30 14 8 7 1 6.40 BSC PIN 1 5.10 5.00 4.90 0.65 BSC SEATING PLANE 0.15 0.05 0.30 0.19 1.20 MAX 1.05 1.00 0.80 0.20 0.09 8° 0° 0.75 0.60 0.45 COPLANARITY 0.10 COMPLIANT TO JEDEC STANDARDS MO-153-AB-1 Figure 51. 14-Lead Thin Shrink Small Outline Package [TSSOP] (RU-14) Dimensions shown in millimeters |