Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

L6213 Datasheet(PDF) 8 Page - STMicroelectronics

No. de pieza L6213
Descripción Electrónicos  SOLENOID DRIVER SWITCH MODE POWER SUPPLY
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6213 Datasheet(HTML) 8 Page - STMicroelectronics

  L6213 Datasheet HTML 1Page - STMicroelectronics L6213 Datasheet HTML 2Page - STMicroelectronics L6213 Datasheet HTML 3Page - STMicroelectronics L6213 Datasheet HTML 4Page - STMicroelectronics L6213 Datasheet HTML 5Page - STMicroelectronics L6213 Datasheet HTML 6Page - STMicroelectronics L6213 Datasheet HTML 7Page - STMicroelectronics L6213 Datasheet HTML 8Page - STMicroelectronics L6213 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
POWERDIP20 PACKAGE MECHANICAL DATA
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
a1
0.51
0.020
B
0.85
1.40
0.033
0.055
b
0.50
0.020
b1
0.38
0.50
0.015
0.020
D
24.80
0.976
E
8.80
0.346
e
2.54
0.100
e3
22.86
0.900
F
7.10
0.280
I
5.10
0.201
L
3.30
0.130
Z
1.27
0.050
L6213
8/9



Html Pages

1 2 3 4 5 6 7 8 9