| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
HD36-18-6SN-C030-059 Datasheet(PDF) 17 Page - TE Connectivity Ltd |
|
|
|||||||||||||||||||||||||||||
HD36-18-6SN-C030-059 Datasheet(HTML) 17 Page - TE Connectivity Ltd |
|
17 / 164 page ![]() INDUSTRIAL & COMMERCIAL TRANSPORTATION /// CONNECTOR SELECTOR PAGE 17 SERIES OVERVIEW STRIKE Series • Accepts contact sizes 16 (13 amps) and 20 (7.5 amps) • 14-22 AWG (2.50-0.35 mm2) • 32 and 64 cavity arrangements • In-line, flange, or PCB mount • Square, thermoplastic housing • Lever for mating • TPA confirms contact alignment and retention Superseal 1.0 Connectors • Accepts contact size 1.0 mm (up to 15 amps) • 1.25-0.50 mm2 • 26, 34, and 60 cavity arrangements • PCB mount • Rectangular, thermoplastic housing • Integrated latch for mating • TPA confirms contact alignment and retention • Product specification documents: 108-78140 and 114-78011 |