Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

L6181 Datasheet(PDF) 8 Page - STMicroelectronics

No. de pieza L6181
Descripción Electrónicos  OCTAL LINE RECEIVER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6181 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button L6181 Datasheet HTML 2Page - STMicroelectronics L6181 Datasheet HTML 3Page - STMicroelectronics L6181 Datasheet HTML 4Page - STMicroelectronics L6181 Datasheet HTML 5Page - STMicroelectronics L6181 Datasheet HTML 6Page - STMicroelectronics L6181 Datasheet HTML 7Page - STMicroelectronics L6181 Datasheet HTML 8Page - STMicroelectronics L6181 Datasheet HTML 9Page - STMicroelectronics L6181 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
PLCC28 PACKAGE MECHANICAL DATA
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
12.32
12.57
0.485
0.495
B
11.43
11.58
0.450
0.456
D
4.2
4.57
0.165
0.180
D1
2.29
3.04
0.090
0.120
D2
0.51
0.020
E
9.91
10.92
0.390
0.430
e
1.27
0.050
e3
7.62
0.300
F
0.46
0.018
F1
0.71
0.028
G
0.101
0.004
M
1.24
0.049
M1
1.143
0.045
L6180 - L6181
8/10



Html Pages

1 2 3 4 5 6 7 8 9 10