Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

L585D1 Datasheet(PDF) 8 Page - STMicroelectronics

No. de pieza L585D1
Descripción Electrónicos  CAR ALTERNATOR REGULATOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L585D1 Datasheet(HTML) 8 Page - STMicroelectronics

  L585D1 Datasheet HTML 1Page - STMicroelectronics L585D1 Datasheet HTML 2Page - STMicroelectronics L585D1 Datasheet HTML 3Page - STMicroelectronics L585D1 Datasheet HTML 4Page - STMicroelectronics L585D1 Datasheet HTML 5Page - STMicroelectronics L585D1 Datasheet HTML 6Page - STMicroelectronics L585D1 Datasheet HTML 7Page - STMicroelectronics L585D1 Datasheet HTML 8Page - STMicroelectronics L585D1 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
SO16 PACKAGE MECHANICAL DATA
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
1.75
0.069
a1
0.1
0.2
0.004
0.008
a2
1.6
0.063
b
0.35
0.46
0.014
0.018
b1
0.19
0.25
0.007
0.010
C
0.5
0.020
c1
45
° (typ.)
D
9.8
10
0.386
0.394
E
5.8
6.2
0.228
0.244
e
1.27
0.050
e3
8.89
0.350
F
3.8
4.0
0.150
0.157
L
0.5
1.27
0.020
0.050
M
0.62
0.024
S
8
° (max.)
L585
8/9



Html Pages

1 2 3 4 5 6 7 8 9