Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

L5170 Datasheet(PDF) 7 Page - STMicroelectronics

No. de pieza L5170
Descripción Electrónicos  OCTAL LINE DRIVER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5170 Datasheet(HTML) 7 Page - STMicroelectronics

  L5170 Datasheet HTML 1Page - STMicroelectronics L5170 Datasheet HTML 2Page - STMicroelectronics L5170 Datasheet HTML 3Page - STMicroelectronics L5170 Datasheet HTML 4Page - STMicroelectronics L5170 Datasheet HTML 5Page - STMicroelectronics L5170 Datasheet HTML 6Page - STMicroelectronics L5170 Datasheet HTML 7Page - STMicroelectronics L5170 Datasheet HTML 8Page - STMicroelectronics L5170 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
DIP28 PACKAGE MECHANICAL DATA
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
a1
0.63
0.025
b
0.45
0.018
b1
0.23
0.31
0.009
0.012
b2
1.27
0.050
D
37.34
1.470
E
15.2
16.68
0.598
0.657
e
2.54
0.100
e3
33.02
1.300
F
14.1
0.555
I
4.445
0.175
L
3.3
0.130
L5170
7/9



Html Pages

1 2 3 4 5 6 7 8 9