| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
LM2902-EP Datasheet(PDF) 24 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
LM2902-EP Datasheet(HTML) 24 Page - Texas Instruments |
|
24 / 38 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 10-Dec-2025 PACKAGING INFORMATION Orderable part number Status (1) Material type (2) Package | Pins Package qty | Carrier RoHS (3) Lead finish/ Ball material (4) MSL rating/ Peak reflow (5) Op temp (°C) Part marking (6) LM2902BAQDRQ1 Active Production SOIC (D) | 14 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 M2902ABQD LM2902BAQDRQ1.A Active Production SOIC (D) | 14 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 M2902ABQD LM2902BAQPWRQ1 Active Production TSSOP (PW) | 14 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 2902BAQ LM2902BAQPWRQ1.A Active Production TSSOP (PW) | 14 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 2902BAQ LM2902BQDRQ1 Active Production SOIC (D) | 14 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 LM2902BQD LM2902BQDRQ1.A Active Production SOIC (D) | 14 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 LM2902BQD LM2902BQPWRQ1 Active Production TSSOP (PW) | 14 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 L2902BQ LM2902BQPWRQ1.A Active Production TSSOP (PW) | 14 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 L2902BQ LM2902BQWRTERQ1 Active Production WQFN (RTE) | 16 5000 | LARGE T&R - NIPDAU Level-1-260C-UNLIM -40 to 125 2902QW LM2902KAVQDRQ1 Active Production SOIC (D) | 14 2500 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 2902KAQ LM2902KAVQDRQ1.A Active Production SOIC (D) | 14 2500 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 2902KAQ LM2902KAVQPWRG4Q1 Obsolete Production TSSOP (PW) | 14 - - Call TI Call TI -40 to 125 2902KAQ LM2902KAVQPWRQ1 Active Production TSSOP (PW) | 14 2000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 2902KAQ LM2902KAVQPWRQ1.A Active Production TSSOP (PW) | 14 2000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 2902KAQ LM2902KVQDRQ1 Active Production SOIC (D) | 14 2500 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 2902KVQ LM2902KVQDRQ1.A Active Production SOIC (D) | 14 2500 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 2902KVQ LM2902KVQPWRG4Q1 Obsolete Production TSSOP (PW) | 14 - - Call TI Call TI -40 to 125 2902KVQ LM2902KVQPWRQ1 Active Production TSSOP (PW) | 14 2000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 2902KVQ LM2902KVQPWRQ1.A Active Production TSSOP (PW) | 14 2000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 2902KVQ LM2902QDRG4Q1 Obsolete Production SOIC (D) | 14 - - Call TI Call TI -40 to 125 2902Q1 LM2902QDRQ1 Active Production SOIC (D) | 14 2500 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 2902Q1 LM2902QDRQ1.A Active Production SOIC (D) | 14 2500 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 2902Q1 LM2902QPWRG4Q1 Obsolete Production TSSOP (PW) | 14 - - Call TI Call TI -40 to 125 2902Q1 LM2902QPWRQ1 Active Production TSSOP (PW) | 14 2000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 2902Q1 LM2902QPWRQ1.A Active Production TSSOP (PW) | 14 2000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 2902Q1 (1) Status: For more details on status, see our product life cycle. Addendum-Page 1 |