Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

L4957AV1.5 Datasheet(PDF) 6 Page - STMicroelectronics

No. de pieza L4957AV1.5
Descripción Electrónicos  UP TO 5A ULDO LINEAR REGULATOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4957AV1.5 Datasheet(HTML) 6 Page - STMicroelectronics

  L4957AV1.5 Datasheet HTML 1Page - STMicroelectronics L4957AV1.5 Datasheet HTML 2Page - STMicroelectronics L4957AV1.5 Datasheet HTML 3Page - STMicroelectronics L4957AV1.5 Datasheet HTML 4Page - STMicroelectronics L4957AV1.5 Datasheet HTML 5Page - STMicroelectronics L4957AV1.5 Datasheet HTML 6Page - STMicroelectronics L4957AV1.5 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
D
2PAK
OUTLINE AND
MECHANICAL DATA
A
C2
D
R
2.0 MIN.
FLAT ZONE
A2
V2
C
A1
G
L
L3
L2
B
B2
E
8.90
3.70
1.30
5.08
16.90
10.30
REF.
DIMENSIONS
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
4.30
4.60 0.169
0.181
A1
2.49
2.69 0.098
0.106
A2
0.03
0.23 0.001
0.009
B
0.70
0.93 0.027
0.037
B2
1.25
1.40
0.049 0.055
C
0.45
0.60 0.017
0.024
C2
1.21
1.36 0.047
0.054
D
8.95
9.35 0.352
0.368
E
10.00
10.28 0.393
0.405
G
4.88
5.28 0.192
0.208
L
15.00
15.85 0.590
0.624
L2
1.27
1.40 0.050
0.055
L3
1.40
1.75 0.055
0.069
R
0.40
0.016
V2
0
°
8
°
0
°
8
°
L4957A
6/7



Html Pages

1 2 3 4 5 6 7