| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STM32L433CBU3 Datasheet(PDF) 68 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L433CBU3 Datasheet(HTML) 68 Page - STMicroelectronics |
|
68 / 227 page ![]() Pinouts and pin description STM32L433xx 68/227 DS11449 Rev 7 26 26 E2 G2 34 34 G8 52 K12 PB13 I/O FT_fl - TIM1_CH1N, I2C2_SCL, SPI2_SCK, USART3_CTS, LPUART1_CTS, TSC_G1_IO2, LCD_SEG13, SWPMI1_TX, SAI1_SCK_A, TIM15_CH1N, EVENTOUT - 27 27 E1 G1 35 35 F8 53 K11 PB14 I/O FT_fl - TIM1_CH2N, I2C2_SDA, SPI2_MISO, USART3_RTS_DE, TSC_G1_IO3, LCD_SEG14, SWPMI1_RX, SAI1_MCLK_A, TIM15_CH1, EVENTOUT - 28 28 D3 F2 36 36 F7 54 K10 PB15 I/O FT_l - RTC_REFIN, TIM1_CH3N, SPI2_MOSI, TSC_G1_IO4, LCD_SEG15, SWPMI1_SUSPEND, SAI1_SD_A, TIM15_CH2, EVENTOUT - -- - - - - - 55 K9 PD8 I/O FT_l - USART3_TX, LCD_SEG28, EVENTOUT - -- - - - - - 56 K8 PD9 I/O FT_l - USART3_RX, LCD_SEG29, EVENTOUT - - - - - - - - 57 J12 PD10 I/O FT_l - USART3_CK, TSC_G6_IO1, LCD_SEG30, EVENTOUT - Table 15. STM32L433xx pin definitions (continued) Pin Number Pin functions Alternate functions Additional functions |