| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
LB-921 Datasheet(PDF) 1 Page - IDEAL INDUSTRIES, INC. |
|
|
|||||||||||||||||||||||||||||
LB-921 Datasheet(HTML) 1 Page - IDEAL INDUSTRIES, INC. |
|
1 / 6 page ![]() StripmaSter® Wire StripperS StripmaSter® Wire StripperS Stripmaster® and Stripmaster® Lite Wire Strippers • One-step stripping enhances productivity • Spring-action motion increases leverage and reduces operator fatigue • Precision-ground, knife-type blades provide clean, accurate stripping • Sturdy die-cast frame provides long-term durability • Wire gripper holds wire securely in position • Stripmaster® Lite designed for smaller hands — 3/4 the size of the standard Stripmaster® Gripper holds the wire securely in position. Stripmaster® Wire Strippers and Knife-Type Blades Specifications — Stripping Hole Diameter in Inches (mm) Cat. No. Replacement Blades (Pair) Cat. No. Replacement Frame Cat. No. Wire Size AWG 6 8 10 12 14 16 18 20 22 24 26 28 30 0.159 (4.0) .141 (3.6) .106 (2.7) 45-090* or 45-290** L-4419 L-5620 .144 (3.6) .105 (2.7) .085 (2.2) .073 (1.8) .073 (1.8) 45-091 L-4420 L-5620 .144 (3.6) .113 (2.9) .090 (2.3) .072 (1.8) .061 (1.5) .048 (1.2) .048 (1.2) 45-092* or 45-292** L-4421 L-5620 .090 (2.3) .072 (1.8) .061 (1.5) .039 (1.0) .039 (1.0) 45-093 L-4422 L-5620 .230 (2.3) .198 (5.0) 45-096 L-4453 L-4453 .072 (1.8) .061 (1.5) .048 (1.2) .039 (1.0) .032 (0.8) .026 (0.7) 45-097 L-4994 L-5620 .048 (1.2) .039 (1.0) .032 (0.8) .026 (0.7) .021 (0.5) .016 (0.4) 45-098 L-5361 L-5620 .198 (5.0) .167 (4.2) .062 (1.6) .055 (1.4) 45-099 L-8763 L-5620 *Boxed ** Blister Card Tolerances +001 - .005 Stripmaster® Lite Wire Strippers and Knife-Type Blades Specifications — Stripping Hole Diameter Inches (mm) Cat. No. Replacement Blades (Pair) Cat. No. Replacement Frame Cat. No. Wire Size AWG 12 14 16 18 20 22 24 26 28 30 .072 (1.8) .061 (1.5) .048 (1.2) .039 (1.0) 45-671 LB-1001 LB-1421 .032 (0.8) .026 (0.7) .021 (0.5) .016 (0.4) 45-672 LB-1002 LB-1421 .113 (209) .090 (2.3) .072 (1.8) .061 (1.5) All stranded wire 45-673 LB-1003 LB-1421 .096 (2.4) .085 (2.2) .073 (1.9) .061 (1.5) 12 & 14 Solid Wire, 16 & 18 Stranded Wire 45-674 LB-1004 LB-1421 Tolerances +001 - .005 Stripmaster® Wire Stripper Stripmaster® Lite Wire Stripper Knife-type stripping blades have form-ground holes which penetrate the insulation like a knife, giving a clean insulation cut. |
Número de pieza similar - LB-921 |
|
Descripción similar - LB-921 |