Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

PLB06F7050/AA Datasheet(PDF) 53 Page - Positronic.

No. de pieza PLB06F7050/AA
Descripción Electrónicos  VERSATILE, HIGH-CURRENT, MIXED DENSITY
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  POSITRONIC [Positronic.]
Página de inicio  https://www.connectpositronic.com/en/
Logo POSITRONIC - Positronic.

PLB06F7050/AA Datasheet(HTML) 53 Page - Positronic.

Back Button PLB06F7050/AA Datasheet HTML 49Page - Positronic. PLB06F7050/AA Datasheet HTML 50Page - Positronic. PLB06F7050/AA Datasheet HTML 51Page - Positronic. PLB06F7050/AA Datasheet HTML 52Page - Positronic. PLB06F7050/AA Datasheet HTML 53Page - Positronic. PLB06F7050/AA Datasheet HTML 54Page - Positronic. PLB06F7050/AA Datasheet HTML 55Page - Positronic. PLB06F7050/AA Datasheet HTML 56Page - Positronic. PLB06F7050/AA Datasheet HTML 57Page - Positronic. Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 72 page
background image
Power
Connection
Systems
Positronic
connectpositronic.com
47
DIMENSIONS ARE IN INCHES [MILLIMETERS].
ALL DIMENSIONS ARE SUBJECT TO CHANGE.
For information regarding
CRIMP TOOLS & CRIMPING TOOL TECHNIQUES, see page 54
.
REMOVABLE CONTACT
TECHNICAL INFORMATION
REMOVABLE CONTACT TECHNICAL CHARACTERISTICS
. . . continued on next page
SHIELDED:
Dielectric Strength
At Sea Level:
600 V rms
Initial Contact Resistance: 0.012 ohms maximum
Insulation Resistance:
5 G ohms
Insertion Loss:
0.2 dB at 500 MHz for 126N contacts
1.0 dB at 500 MHz for 226N contacts
VSWR:
170 at 0 to 200 MHz
2.25 at 200 to 500 MHz
SIZE 12 REMOVABLE CONTACT
MATERIALS AND FINISHES:
STANDARD:
Precision machined copper alloy with gold flash
over nickel. Other finishes are available, see
optional plating finishes for -14 and -15.
HIGH CONDUCTIVITY:
Tellurium copper, gold flash over nickel. Other
finishes are available, see optional plating finishes
for -14 and -15.
MECHANICAL CHARACTERISTICS:
STANDARD AND
HIGH CONDUCTIVITY:
Insert contact to rear face of insulator, release
from front face of insulator. Size 12 contacts,
0.094 inch [2.39 mm] diameter male contacts.
Female contact closed entry for highest reliability.
ELECTRICAL CHARACTERISTICS:
STANDARD:
Contact Current Rating:
40 amperes continuous, derated per
IEC 60512-3, test 5b.
Initial Contact Resistance:
0.001 ohms max. per IEC 60512-2, test 2b.
HIGH CONDUCTIVITY:
Contact Current Rating:
See page 33 for detail information.
Initial Contact Resistance:
0.0007 ohms max. per IEC 60512-2, test 2b.
SIZE 8 REMOVABLE CONTACT
MATERIALS AND FINISHES:
STANDARD:
Precision machined copper alloy with gold flash
over nickel. Other finishes are available, see
optional plating finishes for -14 and -15.
HIGH CONDUCTIVITY:
Tellurium copper, gold flash over nickel. Other
finishes are available, see optional plating finishes
for -14 and -15.
HIGH VOLTAGE:
Insulator Material:
PTFE teflon
Contacts:
Male contacts, brass. Female contacts, phos-
phor bronze. Male and female contacts, 0.000030
inch [0.76µ] gold over nickel. Other finishes are
available, see optional plating finishes for -15.
SHIELDED:
Dielectric Material:
PTFE teflon
Inner Contacts:
Phosphor bronze, 0.000030 inch [0.76µ] gold over
nickel. Other finishes are available, see optional
plating finishes for -15.
Outer Contacts:
Brass and beryllium copper, gold flash over
nickel. Other finishes are available, see
optional plating finishes for -14.
SIZE 20 REMOVABLE CONTACT
MATERIALS AND FINISHES:
STANDARD:
Precision machined copper alloy with gold flash
over nickel. Other finishes are available, see
optional plating finishes for -14 and -15.
MECHANICAL CHARACTERISTICS:
STANDARD:
Insert contact to rear face of insulator, release
from front face of insulator. Size 20 contacts,
0.040 inch [1.02 mm] diameter male contacts,
closed entry design female contacts.
ELECTRICAL CHARACTERISTICS:
Contact Current Rating:
7.5 amperes nominal.
Initial Contact Resistance:
0.007 ohms max. per IEC 60512-2, test 2b.
SIZE 16 REMOVABLE CONTACT
MATERIALS AND FINISHES:
STANDARD:
Precision machined copper alloy with gold flash
over nickel. Other finishes are available, see
optional plating finishes for -14 and -15.
HIGH CONDUCTIVITY:
Tellurium copper, gold flash over nickel. Other
finishes are available, see optional plating finishes
for -14 and -15.
SHIELDED:
Dielectric Material:
PCTFE
Inner Contacts:
Phosphor bronze, 0.000030 inch [0.76µ] gold over
nickel. Other finishes are available, see optional
plating finishes for -15.
Outer Contacts:
Brass and beryllium copper, gold flash over
nickel. Other finishes are available, see optional
plating finishes for -14.
MECHANICAL CHARACTERISTICS:
STANDARD AND
HIGH CONDUCTIVITY:
Insert contact to rear face of insulator, release
from front face of insulator. Size 16 contacts,
0.0625 inch [1.588 mm] diameter male contacts.
Female contact closed entry for highest reliability.
SHIELDED:
Contact Retention
In Insulator:
18 lbs. [80N].
Removable Contacts:
Rear insertion, front removable.
Insertion Force
Per Contact:
8 oz. [2.2N] per contact maximum
Durability:
100 cycles minimum.
Vibration:
20g from 10 Hz to 500 Hz
Shock:
30g - 11 ms
ELECTRICAL CHARACTERISTICS:
STANDARD:
Contact Current Rating:
See page 9 for detail information.
Initial Contact Resistance:
0.0016 ohms max. per IEC 60512-2, test 2b.
HIGH CONDUCTIVITY:
Contact Current Rating:
See page 9 for detail information.
Initial Contact Resistance:
0.0007 ohms max. per IEC 60512-2, test 2b.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com