Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

XC9281B3FD Datasheet(PDF) 29 Page - Torex Semiconductor

No. de pieza XC9281B3FD
Descripción Electrónicos  HiSAT-COT ® Control Extremely Small 600mA Step-Down DC/DC Converters
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOREX [Torex Semiconductor]
Página de inicio  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9281B3FD Datasheet(HTML) 29 Page - Torex Semiconductor

Back Button XC9281B3FD Datasheet HTML 22Page - Torex Semiconductor XC9281B3FD Datasheet HTML 23Page - Torex Semiconductor XC9281B3FD Datasheet HTML 24Page - Torex Semiconductor XC9281B3FD Datasheet HTML 25Page - Torex Semiconductor XC9281B3FD Datasheet HTML 26Page - Torex Semiconductor XC9281B3FD Datasheet HTML 27Page - Torex Semiconductor XC9281B3FD Datasheet HTML 28Page - Torex Semiconductor XC9281B3FD Datasheet HTML 29Page - Torex Semiconductor XC9281B3FD Datasheet HTML 30Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 29 / 30 page
background image
29/30
XC9281/XC9282
Series
■MARKING RULE
●LGA-6B01 / WLP-5-06
① represents products series
MARK
PRODUCT SERIESIES
8
XC9281******-G
9
XC9282******-G
② represents type, Oscillation Frequency, and the second decimal place of the output voltage
MARK
Oscillation
Frequency
品名表記例
A
6.0MHz
XC928*A*0E**-G~XC928*A*9E**-G
B
XC928*B*0E**-G~XC928*B*9E**-G
C
XC928*A*AE**-G~XC928*A*ME**-G
D
XC928*B*AE**-G~XC928*B*ME**-G
E
4.0MHz
XC928*A*0D**-G~XC928*A*9D**-G
F
XC928*B*0D**-G~XC928*B*9D**-G
H
XC928*A*AD**-G~XC928*A*MD**-G
K
XC928*B*AD**-G~XC928*B*MD**-G
③ represents output voltage
MARK
OUTPUT VOLTAGE (V)
PRODUCT SERIESIES
0
0.7
0.75
XC928**07/0K***-G
1
0.8
0.85
XC928**08/0L***-G
2
0.9
0.95
XC928**09/0M***-G
3
1.0
1.05
XC928**10/1A***-G
4
1.1
1.15
XC928**11/1B***-G
5
1.2
1.25
XC928**12/1C***-G
6
1.3
1.35
XC928**13/1D***-G
7
1.4
1.45
XC928**14/1E***-G
8
1.5
1.55
XC928**15/1F***-G
9
1.6
1.65
XC928**16/1H***-G
A
1.7
1.75
XC928**17/1K***-G
B
1.8
1.85
XC928**18/1L***-G
C
1.9
1.95
XC928**19/1M***-G
D
2.0
2.05
XC928**20/2A***-G
E
2.1
2.15
XC928**21/2B***-G
F
2.2
2.25
XC928**22/2C***-G
H
2.3
2.35
XC928**23/2D***-G
K
2.4
2.45
XC928**24/2E***-G
L
2.5
2.55
XC928**25/2F***-G
M
2.6
2.65
XC928**26/2H***-G
N
2.7
2.75
XC928**27/2K***-G
P
2.8
2.85
XC928**28/2L***-G
R
2.9
2.95
XC928**29/2M***-G
S
3.0
3.05
XC928**30/3A***-G
T
3.1
3.15
XC928**31/3B***-G
U
3.2
3.25
XC928**32/3C***-G
V
3.3
3.35
XC928**33/3D***-G
X
3.4
3.45
XC928**34/3E***-G
Y
3.5
3.55
XC928**35/3F***-G
Z
3.6
-
XC928**36E**-G
④⑤ represents production lot number
01~09, 0A~0Z, 11~9Z, A1~A9, AA~AZ, B1~ZZ in order. (G, I, J, O, Q, W excluded)
* No character inversion used.
LGA-6B01
WLP-5-06



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com