Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

HER201 Datasheet(PDF) 1 Page - Galaxy Semi-Conductor Holdings Limited

No. de pieza HER201
Descripción Electrónicos  HIGH EFFICIENCY RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  BILIN [Galaxy Semi-Conductor Holdings Limited]
Página de inicio  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

HER201 Datasheet(HTML) 1 Page - Galaxy Semi-Conductor Holdings Limited

  HER201 Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited HER201 Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
Low cost
Low leakage
Low forward voltage drop
High current capability
MECHANICAL DATA
Case:JEDEC DO--15,molded plastic
Terminals: Axial lead ,solderable per
MIL- STD-202,Method 208
Polarity: Color band denotes cathode
Weight: 0.014 ounces,0.39 grams
Mounting position: Any
Ratings at 25
ambient temperature unless otherwise specified.
Single phase,half wave,60 Hz,resistive or inductive load. For capacitive load,derate by 20%.
HER
203
HER
204
HER
205
HER
206
HER
207
HER
208
UNITS
Maximum recurrent peak reverse voltage
VRRM
200
300
400
600
800
1000
V
Maximum RMS voltage
VRMS
140
210
280
420
560
700
V
Maximum DC blocking voltage
VDC
200
300
400
600
800
1000
V
Maximum average forw ard rectified current
9.5mm lead length,
@T
A=75
Peak forw ard surge current
8.3ms single half-sine-w ave
superimposed on rated load
@T
J=125
Maximum instantaneous forw ard voltage
@ 2.0 A
VF
V
Maximum reverse current
@T
A=25
at rated DC blocking voltage
@T
A=100
Typical reverse recovery time
(Note1)
trr
ns
Typical junction capacitance
(Note2)
CJ
pF
Typical thermal resistance
(Note3)
RθJA
/W
Operating junction temperature range
TJ
Storage temperature range
TSTG
GALAXY ELECTRICAL
2. Measured at 1.0MHZ and applied rev erse v oltage of 4.0V DC.
1.7
1.0
1.3
50
50
70
100.0
- 55 ---- + 150
NOTE: 1. Measured with I
F=0.5A, IR=1A, Irr=0.25A.
DO - 15
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
The plastic material carries U/L recognition 94V-0
IR
30
100
50
- 55 ---- + 150
HER201--- HER208
A
5.0
Easily cleaned with alcohol,Isopropanol
and similar solvents
IF(AV)
2.0
HIGH EFFICIENCY RECTIFIER
70
VOLTAGE RANGE: 50 --- 1000 V
CURRENT: 2.0 A
35
A
3. Thermal resistance f rom junction to ambient.
HER
201
HER
202
50
100
A
60.0
IFSM
50
www.galaxycn.com
BLGALAXY ELECTRICAL
BL
Document Number 0262004
1.


Número de pieza similar - HER201

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Won-Top Electronics
HER201 WTE-HER201 Datasheet
49Kb / 3P
2.0A HIGH EFFICIENCY RECTIFIER
logo
Zowie Technology Corpor...
HER201 ZOWIE-HER201 Datasheet
50Kb / 2P
HIGH EFFICIENCY RECITIFIER
logo
Rectron Semiconductor
HER201 RECTRON-HER201 Datasheet
43Kb / 2P
HIGH EFFICIENCY RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Ampere)
logo
Jinan Gude Electronic D...
HER201 JGD-HER201 Datasheet
165Kb / 2P
2.0 AMPS.HIGH EFFICIENCY RECTIFIERS
logo
Bytes
HER201 BYTES-HER201 Datasheet
154Kb / 2P
2.0 AMP HIGH EFFICIENCY RECTIFIERS
More results

Descripción similar - HER201

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
GOOD-ARK Electronics
HER1001 GOOD-ARK-HER1001 Datasheet
145Kb / 2P
HIGH EFFICIENCY RECTIFIER
HER101 GOOD-ARK-HER101 Datasheet
61Kb / 2P
HIGH EFFICIENCY RECTIFIER
HER301 GOOD-ARK-HER301 Datasheet
64Kb / 2P
HIGH EFFICIENCY RECTIFIER
logo
Galaxy Semi-Conductor H...
RP1H BILIN-RP1H Datasheet
57Kb / 2P
HIGH EFFICIENCY RECTIFIER
logo
Chenmko Enterprise Co. ...
MUR105PT CHENMKO-MUR105PT Datasheet
118Kb / 2P
HIGH EFFICIENCY RECTIFIER
logo
Shenzhen Ping Sheng Ele...
HER501 PFS-HER501 Datasheet
169Kb / 2P
HIGH EFFICIENCY RECTIFIER
logo
Shenzhen Luguang Electr...
ERA38-04 LUGUANG-ERA38-04 Datasheet
202Kb / 2P
High Efficiency Rectifier
logo
List of Unclassifed Man...
HER201 ETC2-HER201 Datasheet
119Kb / 2P
HIGH EFFICIENCY RECTIFIER
logo
SHENZHEN YONGERJIA INDU...
HER601-607 WINNERJOIN-HER601-607 Datasheet
99Kb / 2P
HIGH EFFICIENCY RECTIFIER
logo
Jinan Jing Heng Electro...
HER201 JINGHENG-HER201 Datasheet
62Kb / 2P
HIGH EFFICIENCY RECTIFIER
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com