Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1222C2 Datasheet(PDF) 3 Page - APEM

No. de pieza 1222C2
Descripción Electrónicos  Momentary pushbutton switches • round plunger
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  APEM [APEM]
Página de inicio  www.apem.com
Logo APEM - APEM

1222C2 Datasheet(HTML) 3 Page - APEM

  1222C2 Datasheet HTML 1Page - APEM 1222C2 Datasheet HTML 2Page - APEM 1222C2 Datasheet HTML 3Page - APEM 1222C2 Datasheet HTML 4Page - APEM 1222C2 Datasheet HTML 5Page - APEM 1222C2 Datasheet HTML 6Page - APEM  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
BASIC PART NUMBER
SERIES
12
2 Normally closed
3 Normally open
ELECTRICAL FUNCTIONS
1
Solder lug and quick-connect
2
Screw
3
Normalized quick-connect
0
Screw terminal + clamp
0.-7 Right angle screw terminals
+ clamp
TERMINALS
BUILD YOUR PART NUMBER
1200 series
Momentary pushbutton switches •
round plunger
OPTIONS
A Silver
C Copper, silver
plated
CONTACT MATERIALS
X209 NF standard marked,
silver contacts
X209L
NF standard marked,
silver contacts, long
plunger
SPECIAL MODELS
2 Black
3 Green
6 Red
7/1 White
PLUNGER COLORS
FINISH
LUXE
Chrome plated cap
nut U117 instead of
knurled cap nut U411
APPROVALS
NF
UL/CSA
Consult factory
for details
of approved
models.
ABOUT THIS SERIES
Notice : please note that not all combinations of above numbers are available. Refer to following pages for further information.
Sealing boots are available to protect the switches against dust and water. See "Sealing Boots" section of website.
Mounting accessories : standard hardware supplied :
- silver contact models : 1 hex nut U166 and 1 knurled nut U411
- copper contact models : 1 hex nut U42 and 1 knurled nut U411
Standard and special hardware is presented in the “Hardware“ section of website.
On the following pages, you will find successively basic part numbers of switches and options in the same order as in above chart.
3



Html Pages

1 2 3 4 5 6