Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

L3000SX-VM Datasheet(PDF) 25 Page - STMicroelectronics

No. de pieza L3000SX-VM
Descripción Electrónicos  SUBSCRIBER LINE INTERFACE KIT
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L3000SX-VM Datasheet(HTML) 25 Page - STMicroelectronics

Back Button L3000SX-VM Datasheet HTML 21Page - STMicroelectronics L3000SX-VM Datasheet HTML 22Page - STMicroelectronics L3000SX-VM Datasheet HTML 23Page - STMicroelectronics L3000SX-VM Datasheet HTML 24Page - STMicroelectronics L3000SX-VM Datasheet HTML 25Page - STMicroelectronics L3000SX-VM Datasheet HTML 26Page - STMicroelectronics L3000SX-VM Datasheet HTML 27Page - STMicroelectronics L3000SX-VM Datasheet HTML 28Page - STMicroelectronics L3000SX-VM Datasheet HTML 29Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 25 / 29 page
background image
PLCC44 PACKAGE MECHANICAL DATA
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
17.4
17.65
0.685
0.695
B
16.51
16.65
0.650
0.656
C
3.65
3.7
0.144
0.146
D
4.2
4.57
0.165
0.180
d1
2.59
2.74
0.102
0.108
d2
0.68
0.027
E
14.99
16
0.590
0.630
e
1.27
0.050
e3
12.7
0.500
F
0.46
0.018
F1
0.71
0.028
G
0.101
0.004
M
1.16
0.046
M1
1.14
0.045
L3000S - L3030
25/29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29