Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

L297 Datasheet(PDF) 9 Page - STMicroelectronics

No. de pieza L297
Descripción Electrónicos  STEPPER MOTOR CONTROLLERS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L297 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button L297 Datasheet HTML 3Page - STMicroelectronics L297 Datasheet HTML 4Page - STMicroelectronics L297 Datasheet HTML 5Page - STMicroelectronics L297 Datasheet HTML 6Page - STMicroelectronics L297 Datasheet HTML 7Page - STMicroelectronics L297 Datasheet HTML 8Page - STMicroelectronics L297 Datasheet HTML 9Page - STMicroelectronics L297 Datasheet HTML 10Page - STMicroelectronics L297 Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
a1
0.254
0.010
B
1.39
1.65
0.055
0.065
b
0.45
0.018
b1
0.25
0.010
D
25.4
1.000
E
8.5
0.335
e
2.54
0.100
e3
22.86
0.900
F
7.1
0.280
I
3.93
0.155
L
3.3
0.130
Z
1.34
0.053
DIP20 PACKAGE MECHANICAL DATA
9/11
L297-L297D



Html Pages

1 2 3 4 5 6 7 8 9 10 11