| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
IMSB300 Datasheet(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
IMSB300 Datasheet(HTML) 1 Page - STMicroelectronics |
|
1 / 12 page ![]() TCPlink Development System IMS B300 February 1996 42 1493 03 INMOS is a registered trademark of SGS-THOMSON Microelectronics Limited 1/12 FEATURES DESCRIPTION Compact desktop design, suitable for office or computer room environments Provides full interface to four independent net- works over Ethernet Uses TCP/IP protocol suite Choice of single ended or differential link con- nections Independent diagnostics and test port simpli- fies installation of software enhancements LED activity indicators for each connection The IMS B300 TCPlink box is a self-contained unit providing four links and associated system ser- vices for connection to target subsystems. The four links are accessed over an Ethernet network by host development computers running SGS– THOMSON Toolsets in conjunction with the TCP/ IP protocol suite. The unit supports the develop- ment of programs in a network environment. Diagnostic and monitoring facilities are provided via a serial port on the IMS B300. This may be con- nected to an ANSI compatible video terminal to give interactive information displays on the unit’s operation. Diagnostic terminal Ethernet transceiver Ethernet cable IMS B300 TCPLink box Differential sub- system cables (e.g. IMS CA15) Single-ended subsystem cables Subsys- tem 3 Prototyping system AUI cable ST20450 Development Board OS-Links |
Número de pieza similar - IMSB300 |
|
Descripción similar - IMSB300 |