| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
CC115LRGP Datasheet(PDF) 26 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
CC115LRGP Datasheet(HTML) 26 Page - Texas Instruments |
|
26 / 74 page ![]() +1 +1/3 -1/3 -1 1 0 1 0 1 0 1 0 1 1 0 1 0 0 1 1 00 01 01 11 10 00 11 01 Preamble 0xAA Sync 0xD3 Data 0x17 0x8D 1/Baud Rate 1/Baud Rate 1/Baud Rate DEVIATION _ E XOSC dev 17 ƒ ƒ (8 DEVIATION _ M) 2 2 = × + × CC115L SWRS105B – MAY 2011 – REVISED JUNE 2014 www.ti.com 5.9 Modulation Formats CC115L supports amplitude, frequency, and phase shift modulation formats. The desired modulation format is set in the MDMCFG2.MOD_FORMAT register. Optionally, the data stream can be Manchester coded by the modulator by setting MDMCFG2.MANCHESTER_EN=1. NOTE Manchester encoding is not supported at the same time as using 4-FSK modulation. 5.9.1 Frequency Shift Keying CC115L supports 2-(G)FSK and 4-FSK modulation. When selecting 4-FSK, the preamble and sync word is sent using 2-FSK (see Figure 5-8). The frequency deviation is programmed with the DEVIATION_M and DEVIATION_E values in the DEVIATN register. The value has an exponent/mantissa form, and the resultant deviation is given by: (4) The symbol encoding is shown in Table 5-4. Table 5-4. Symbol Encoding for 2-FSK/GFSK and 4-FSK Modulation Format Symbol Coding 0 – Deviation 2-FSK/GFSK 1 + Deviation 01 – Deviation 00 – 1/3×Deviation 4-FSK 10 + 1/3×Deviation 11 + Deviation Figure 5-8. Data Sent Over the Air ( MDMCFG2.MOD_FORMAT=100) 5.9.2 Amplitude Modulation The amplitude modulation supported by CC115L is On-Off Keying (OOK). OOK modulation simply turns the PA on or off to modulate ones and zeros respectively. The DEVIATN register setting has no effect when using OOK. 26 Detailed Description Copyright © 2011–2014, Texas Instruments Incorporated Submit Documentation Feedback Product Folder Links: CC115L |