| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
LSF0108 Datasheet(PDF) 147 Page - Nexperia B.V. All rights reserved |
|
|
|||||||||||||||||||||||||||||
LSF0108 Datasheet(HTML) 147 Page - Nexperia B.V. All rights reserved |
|
147 / 234 page ![]() Asynchronous interface analog & logic ICs Type number Description V CC(A) (V) V CC(B) (V) Logic switching levels Output drive capability (mA) t pd (ns) Output Load C L (pF) Number of bits T amb (°C) 74AVC1T1004 1-to-4 fan-out buffer 0.8 - 3.6 n.a. CMOS/ LVTTL ±12 4.9 15 1 -40 to 125 74AVC1T8128 Single dual-supply translating 2-input NOR with enable 0.8 - 3.6 n.a. CMOS/ LVTTL ±12 2.4 15 1 -40 to 125 74AVC1T8832 Single dual-supply translating 2-input OR with strobe 0.8 - 3.6 n.a. CMOS/ LVTTL ±12 2.4 15 1 -40 to 125 74AVC16T245 16-bit dual-supply voltage-translating transceiver (3-state) 0.8 - 3.6 0.8 - 3.6 CMOS/ LVTTL ±12 2.1 30 16 -40 to 125 74AVC1T1022 1-to-4 fan out buffer 0.8 - 3.6 0.8 - 3.6 CMOS/ LVTTL ±12 2.1 30 1 -40 to 125 74AVC1T45 Single dual-supply voltage-translating transceiver (3-state) 0.8 - 3.6 0.8 - 3.6 CMOS/ LVTTL ±12 2.1 30 1 -40 to 125 74AVC20T245 20-bit dual-supply voltage-translating transceiver (3-state) 0.8 - 3.6 0.8 - 3.6 CMOS/ LVTTL ±12 3.5 30 20 -40 to 125 74AVC2T245 2-bit dual-supply voltage-translating transceiver 0.8 - 3.6 0.8 - 3.6 CMOS/ LVTTL ±12 2.1 30 2 -40 to 125 74AVC2T45 Dual-bit dual-supply voltage-translating transceiver (3-state) 0.8 - 3.6 0.8 - 3.6 CMOS/ LVTTL ±12 2.1 30 2 -40 to 125 74AVC32T245 32-bit dual-supply voltage-translating transceiver (3-state) 0.8 - 3.6 0.8 - 3.6 CMOS/ LVTTL ±12 2.1 30 32 -40 to 125 74AVC4T245 4-bit dual-supply voltage-translating trans- ceiver (3-state) 0.8 - 3.6 0.8 - 3.6 CMOS/ LVTTL ±12 2.1 30 4 -40 to 125 74AVC4T774 4-bit dual supply translating transceiver (3-state) 0.8 - 3. 6 0.8 - 3.6 CMOS/ LVTTL ±12 3.5 15 4 -40 to 125 74AVC4T3144 4-bit dual-supply buffer/level-translator (3-state) 0.8 - 3.6 0.8 - 3.6 CMOS/ LVTTL ±12 3.5 15 4 -40 to 125 74AVC4TD245 4-bit dual-supply voltage-translating transceiver (3-state) 0.8 - 3.6 0.8 - 3.6 CMOS/ LVTTL ±12 2.1 30 4 -40 to 125 74AVC8T245 8-bit dual-supply voltage-translating transceiver (3-state) 0.8 - 3.6 0.8 - 3.6 CMOS/ LVTTL ±12 2.1 30 8 -40 to 125 74AVCH16T245 16-bit dual-supply voltage-translating transceiver with bus hold (3-state) 0.8 - 3.6 0.8 - 3.6 CMOS/ LVTTL ±12 2.1 30 16 -40 to 125 74AVCH1T45 Single dual-supply voltage-translating transceiver with bus hold (3-state) 0.8 - 3.6 0.8 - 3.6 CMOS/ LVTTL ±12 2.1 30 1 -40 to 125 74AVCH20T245 20-bit dual-supply voltage-translating transceiver with bus hold (3-state) 0.8 - 3.6 0.8 - 3.6 CMOS/ LVTTL ±12 3.5 30 20 -40 to 125 74AVCH2T45 Dual-bit dual-supply voltage-translating transceiver with bus hold (3-state) 0.8 - 3.6 0.8 - 3.6 CMOS/ LVTTL ±12 2.1 30 2 -40 to 125 74AVCH4T245 4-bit dual-supply voltage-translating transceiver with bus hold (3-state) 0.8 - 3.6 0.8 - 3.6 CMOS/ LVTTL ±12 2.1 30 4 -40 to 125 74AVCH8T245 8-bit dual-supply voltage translating transceiver with bus hold (3-state) 0.8 - 3.6 0.8 - 3.6 CMOS ±12 2.1 15 8 -40 to 125 74AXP1T125 Dual-supply buffer/line driver (3-state) 0.7 - 2.75 1.2 - 5.5 CMOS ±12 4.8 50 1 -40 to 125 74AXP1T14 Dual-supply schmitt-trigger inverter 0.7 - 2.75 1.2 - 5.5 CMOS ±12 3.4 50 1 -40 to 125 74AXP1T32 Dual-supply 2-input or gate 0.7 - 2.75 1.2 - 5.5 CMOS ±12 3.4 50 1 -40 to 125 74AXP1T34 Single dual-supply voltage-translating buffer 0.7 - 2.75 1.2 - 5.5 CMOS ±12 3.4 50 1 -40 to 125 74AXP1T57 Schmitt-trigger inputs. Dual supply configurable multiple function gate 0.7 - 2.75 1.2 - 5.5 CMOS ±12 4.8 50 1 -40 to 85 74AXP2T08 Dual-supply 2-input AND gate 0.7 - 2.75 1.2 - 5.5 CMOS ±12 4.8 50 1 -40 to 125 74AXP2T3407 Dual-supply single buffer and single buffer with open drain 0.7 - 2.75 1.2 - 5.5 CMOS ±12 4.8 50 1 -40 to 125 74AXP4T245 4-bit dual supply translating transceiver; 3-state 0.9 - 5.5 0.9 - 5.5 CMOS ± 12 9.1 50 4 -40 to 125 74HC4049 Hex inverter with 15 V-tolerant inputs 2.0 - 6.0 n.a. CMOS ±5.2 8.0 50 6 -40 to 125 74HC4050 Hex buffer with 15 V-tolerant inputs 2.0 - 6.0 n.a. CMOS ±5.2 7.0 50 6 -40 to 125 74LV1T00 Single supply 2-input translating NAND gate 1.6 - 5.5 n.a. CMOS ±8 3.1 15 1 -40 to 125 74LV1T02 Single supply 2-input translating NOR gate 1.6 - 5.5 n.a. CMOS ±8 3.1 15 1 -40 to 125 74LV1T04 Single supply translating inverter 1.6 - 5.5 n.a. CMOS ±8 4.1 15 1 -40 to 125 Voltage translators (level-shifters) Types in bold represent new products 147 |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |